Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KAA-4R4V Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # KAA-4R4V
Description  KNX LED actuator / dimmer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

KAA-4R4V Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  KAA-4R4V Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. KAA-4R4V Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. KAA-4R4V Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. KAA-4R4V Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. KAA-4R4V Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. KAA-4R4V Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. KAA-4R4V Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. KAA-4R4V Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. KAA-4R4V Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KAA-4R4V
KNX LED actuator / dimmer
Maximum load
KAA-4R4V-10
Resistive load
2300 W
LED driver
refer to table below
Incandescent lamps
2300 W
Halogen lamps 230V
2300 W
Halogen lamps, electronic transformer
1300 W
Fluorescent lamps, not compensated
2000W
Fluorescent lamps, parallel comp.
1200W
Max. number of electronic transformers
15
The maximum number of driver is 500 pcs per channel in case current from each driver is sourcing 0.1mA.
The actual number of driver is subject to applications. i.e. total cable length in system.
Max. output load per channel
Nr. of driver per relay channel
Nr. of driver per control output channel
Suggested model
KAA-4R4V-10
APC-8
22
APC-12
11
APC-16
18
APC-25
11
APC-35
11
APC-8E
22
APC-12E
18
APC-16E
15
APV-8
22
APV-12
11
APV-16
18
APV-25
11
APV-35
11
APV-8E
22
APV-12E
18
APV-16E
15
LCM-25
25
LCM-40
25
LCM-60
25
LCM-25DA
25
LCM-40DA
25
LCM-60DA
25
LPC-20
11
LPC-35
9
LPC-60
8
The maximum number of the LED PSUs that can be connected to each relay channel at 230V is shown as below
File Name:KAA-4R4V-SPEC 2018-12-18



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com