Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4441 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4441
Description  N-Channel MOSFET Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4441 Datasheet(HTML) 1 Page - Linear Technology

  LTC4441 Datasheet HTML 1Page - Linear Technology LTC4441 Datasheet HTML 2Page - Linear Technology LTC4441 Datasheet HTML 3Page - Linear Technology LTC4441 Datasheet HTML 4Page - Linear Technology LTC4441 Datasheet HTML 5Page - Linear Technology LTC4441 Datasheet HTML 6Page - Linear Technology LTC4441 Datasheet HTML 7Page - Linear Technology LTC4441 Datasheet HTML 8Page - Linear Technology LTC4441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
44411f
LTC4441/LTC4441-1
, LTC and LT are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents
including 6677210.
The LTC
®4441/LTC4441-1 is an N-channel MOSFET gate
driver that can supply up to 6A of peak output current. The
chip is designed to operate with a supply voltage of up to
25V and has an adjustable linear regulator for the gate
drive. The gate drive voltage can be programmed between
5V and 8V.
The LTC4441/LTC4441-1 features a logic threshold driver
input. This input can be driven below ground or above the
driver supply. A dual function control input is provided to
disable the driver or to force the chip into shutdown mode
with <12µA of supply current. Undervoltage lockout and
overtemperature protection circuits will disable the driver
output when activated. The LTC4441 also comes with an
open-drain output that provides adjustable leading edge
blanking to prevent ringing when sensing the source
current of the power MOSFETs.
The LTC4441 is available in a thermally enhanced 10-lead
MSOP package. The LTC4441-1 is the SO-8 version with-
out the blanking function.
■ 6A Peak Output Current
■ Wide VIN Supply Range: 5V to 25V
■ Adjustable Gate Drive Voltage: 5V to 8V
■ Logic Input can be Driven Below Ground
■ 30ns Propagation Delay
■ Supply Independent CMOS/TTL Input Thresholds
■ Undervoltage Lockout
■ Low Shutdown Current: <12µA
■ Overtemperature Protection
■ Adjustable Blanking Time for MOSFET’s
Current Sense Signal (LTC4441)
■ Available in SO-8 and 10-Lead MSOP
(Exposed Pad) Packages
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
+
FB
R2
86.6k
R6
R3
5mΩ
R9
8.06k
4441 TA01
R8
511k
R7
R1
330k
R5
SHUTDOWN
VIN
6V TO 24V
SGND
CVCC
10µF
X5R
L1
10µH 20A
D1
MBR10100
Si7370
×2
22µF
25V
X7R
+
COUT
VOUT
52V
2A
EN/SHDN
LTC4441
VIN
RBLANK
IN
DRVCC
OUT
PGND
BLANK
R4
100Ω
Q2
LTC3803
SWITCHING
CONTROLLER
GATE
SENSE+
GND
FB
CLOAD (nF)
015
5
10
20253035
45
40
50
4441 TA01b
200
180
80
60
20
40
0
160
140
120
100
TA = 25°C
DRVCC = 5V
RISE TIME
FALL TIME
RISE/FALL Time vs CLOAD
■ Power Supplies
■ Motor/Relay Control
■ Line Drivers
■ Charge Pumps
N-Channel MOSFET
Gate Driver


Similar Part No. - LTC4441

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4441 LINER-LTC4441 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4441-1 LINER-LTC4441-1 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4441-1 LINER-LTC4441-1_15 Datasheet
203Kb / 16P
N-Channel MOSFET Gate Driver
LTC4441 LINER-LTC4441_1 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4441 LINER-LTC4441_15 Datasheet
203Kb / 16P
N-Channel MOSFET Gate Driver
More results

Similar Description - LTC4441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD7101F TOSHIBA-TPD7101F Datasheet
269Kb / 9P
2 channel High-Side N-ch Power MOSFET Gate Driver
logo
NXP Semiconductors
BF1107 NXP-BF1107 Datasheet
60Kb / 8P
N-channel single gate MOSFET
Rev. 04-9 January 2007
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
1 channel High-Side N channel Power MOSFET Gate Driver
logo
Linear Technology
LTC4441 LINER-LTC4441_15 Datasheet
203Kb / 16P
N-Channel MOSFET Gate Driver
LTC4441-1 LINER-LTC4441-1_15 Datasheet
203Kb / 16P
N-Channel MOSFET Gate Driver
logo
Solid States Devices, I...
FT0018 SSDI-FT0018_15 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
FT0021 SSDI-FT0021_15 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
logo
Infineon Technologies A...
1EDI60IN12AF INFINEON-1EDI60IN12AF_15 Datasheet
1Mb / 22P
Single Channel MOSFET Gate Driver IC
Rev. 2.0, 2015-06-01
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
1 channel High-Side N channel Power MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com