Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCUT03F1-HD0 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCUT03F1-HD0
Description  Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCUT03F1-HD0 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCUT03F1-HD0 Datasheet HTML 1Page - Vishay Siliconix VCUT03F1-HD0 Datasheet HTML 2Page - Vishay Siliconix VCUT03F1-HD0 Datasheet HTML 3Page - Vishay Siliconix VCUT03F1-HD0 Datasheet HTML 4Page - Vishay Siliconix VCUT03F1-HD0 Datasheet HTML 5Page - Vishay Siliconix VCUT03F1-HD0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VCUT03F1-HD0
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 16-Feb-18
2
Document Number: 86141
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CUT THE SPIKES WITH VCUT03F1-HD0:
The VCUT03F1-HD0 is a bidirectional and symmetrical (BiSy) ESD-protection device which clamps positive and negative
overvoltage transients to ground. Connected between the signal or data line and the ground the VCUT03F1-HD0 offers a high
isolation (low leakage current, low capacitance) within the specified working range. Due to the short leads and small package
size of the tiny LLP0603-2L package the line inductance is very low, so that fast transients like an ESD-strike can be clamped
with minimal over- or undershoots.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
/150 pF)
Fig. 2 - 8/20 μs Peak Pulse Current Wave Form
acc. IEC 61000-4-5
ELECTRICAL CHARACTERISTICS VCUT03F1-HD0 (pin 1 to pin 2 or pin 2 to pin1)
(Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
3.3
V
Reverse voltage
at IR = 0.1 μA
VR
3.3
-
-
V
Reverse current
at VRWM = 3.3 V
IR
--
0.1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
7-9
V
Reverse clamping voltage
at IPP = 1 A
VC
-9
12
V
at IPP = IPPM = 4 A
-
10.8
14
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-14
16
pF
at VR = 2.5 V; f = 1 MHz
-
11
-
pF
10
100
1000
10000
0
20
40
60
80
100
120
-10 0
10 20 30 40 50 60 70 80 90 100
Axis Title
t (ns)
2nd line
Rise time = 0.7 ns to 1 ns
53
27
20557
10
100
1000
10000
0
20
40
60
80
100
010
20
30
40
Axis Title
t (µs)
2nd line
20 µs to 50 %
8 µs to 100 %
20548



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com