Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MD-40CV Datasheet(PDF) 2 Page - CUI INC

Part # MD-40CV
Description  MINI DIN CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-40CV Datasheet(HTML) 2 Page - CUI INC

  MD-40CV Datasheet HTML 1Page - CUI INC MD-40CV Datasheet HTML 2Page - CUI INC MD-40CV Datasheet HTML 3Page - CUI INC MD-40CV Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ SERIES: MD-CV │ DESCRIPTION: MINI DIN CONNECTOR
date 09/01/2017
│ page 2 of 4
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
3.50.138
0.5
M14X1.00
(2 PLCS)
3.5 0.138
1.5 0.059
9.5 0.374
0.80.031
(TYP)
3
4
6
7
1
2
5
8
0.669
16.0 0.630
17.0
13.50.531
MATERIAL
PLATING
earth terminal
brass
tin
terminal contacts (1~8)
phosphor bronze
silver
housing
PBT
0.551
14.0
RECOMMENDED
PANEL CUTOUT
0.016
0.370
9.4
0.220
5.6
1.9 0.075
0.40
0.90 0.035
(3 PLCS)
3
2
1
2
1
0.7X1.3
(2 PLCS)
3
PCB LAYOUT
BACK VIEW
2
3
1
4
0.016
0.370
9.4
0.220
5.6
4.6 0.181
0.063
1.60
0.40
0.90 0.035
(4 PLCS)
4
12
3
0.7X1.3
(2 PLCS)
PCB LAYOUT
BACK VIEW
3
1
4
2
5
1.00 0.039
0.370
9.4
0.220
5.6
4.6 0.181
0.063
1.60
0.016
0.40
0.106
2.70
0.90 0.035
(5 PLCS)
23
4
5
1
0.7X1.3
(2 PLCS)
PCB LAYOUT
BACK VIEW
MD-30CV
MD-40CV
MD-50CV
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com