Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY22K7PVC-1 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY22K7PVC-1
Description  133-MHz Spread Spectrum Clock Generator For Use With the AMD-K7 Processor and AMD-750 Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22K7PVC-1 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY22K7PVC-1 Datasheet HTML 1Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 2Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 3Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 4Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY22K7
2
Pin Summary[1]
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
34
AVDD
PWR
Isolated power for core
33
AVSS
PWR
Isolated ground for core
48
VDDREF
PWR
Power for REF[0:1], XTALIN, XTALOUT
3
VSSREF
PWR
Ground for REF[0:1] outputs
1, 2
FS[0:1]/REF[0:1]
IN/OUT
Frequency select input at power-on/14.318-MHz output
4
XTALIN[2]
IN
14.318-MHz reference crystal input
5
XTALOUT
OUT
14.318-MHz reference crystal feedback
9, 15
VDDPCI
PWR
Power for PCICLK outputs
6, 12
VSSPCI
PWR
Ground for PCICLK outputs
7
PCICLK_F
OUT
Free running PCI output
8, 10, 11, 13, 14,
16, 17
PCICLK[0:6]
OUT
PCI clock outputs, TTL compatible 3.3V
18
VDDAGP
PWR
Power for AGP outputs
21
VSSAGP
PWR
Ground for AGP outputs
19, 20
AGP[0:1]
OUT
AGP clock outputs
22
VDDUSB
PWR
Power for USB outputs
25
VSSUSB
PWR
Ground for USB outputs
23
USB0
OUT
USB clock output
24
USB/IO (SELECT)
IN/OUT
USB or Super I/O output selected at power-on by latched input resistor:
LOW = 48 MHz, HIGH = 24 MHz
26
SCLK
IN/OUT
SMBus Clock
27
SDATA
IN/OUT
SMBus Data
28
TEST
IN
Three-state or Test Mode when LOW
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
25
26
27
28
36
35
FS0/REF0
34
Top View
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
FS1/REF1
VSSREF
XTALIN
XTALOUT
PCICLK_F
VSSPCI
PCICLK0
PCICLK1
VDDPCI
PCICLK2
VSSPCI
PCICLK3
VDDPCI
PCICLK4
PCICLK6
VDDAGP
AGP0
AGP1
VSSAGP
VDDUSB
USB0
USB/IO (SELECT)
VDDREF
VSSSDRAM
SDRAM_OUT
VDDSDRAM
RESERVED
CPUCLKC2
CPUCLKT2
VSSCPU
CPUCLKC1
CPUCLKT1
VSSCPU
CPUCLKC0
CPUCLKT0
RESERVED
AVDD
AVSS
PCI_STOP
PWR_DWN
SPREAD
SDATA
SCLK
VSSUSB
CPU_STOP
PCICLK5
48-pin SSOP
TEST
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com