Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV0974TR Datasheet(PDF) 58 Page - STMicroelectronics

Part # STV0974TR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974TR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STV0974TR Datasheet HTML 54Page - STMicroelectronics STV0974TR Datasheet HTML 55Page - STMicroelectronics STV0974TR Datasheet HTML 56Page - STMicroelectronics STV0974TR Datasheet HTML 57Page - STMicroelectronics STV0974TR Datasheet HTML 58Page - STMicroelectronics STV0974TR Datasheet HTML 59Page - STMicroelectronics STV0974TR Datasheet HTML 60Page - STMicroelectronics STV0974TR Datasheet HTML 61Page - STMicroelectronics STV0974TR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
58/61
STV0974
Electrical characteristics
5.5.4
Video output timing
5.5.5
Microprocessor read/write timing
Table 41: Video output timing (
Figure 33)
Symbol
Parameter
Min.
Typ.
Max.
Unit
tDS
Data and synchro setup timea
a. with a 12 pF capacitance
10
ns
tDH
Data and synchro hold time a
10
ns
tCKH
Clock pulse width high a
16
ns
tCKP
Clock period a
44
ns
tCKR
Clock rise timea
5ns
Figure 33: Video output timing
Table 42: Microprocessor read and write cycle timingv
Symbol
Parameter
Min.
Typ.
Max.
Unit
tAS
RS, CSN valid to RDN or WRN low
7
ns
tAH
RS, CSN hold after RDN or WRN high
7
ns
tRACC
Read access time
40
ns
tLZ
RDN high to data high impedance
15
ns
tRP
Read pulse width
40
ns
tWP
Write pulse width
45
ns
tWDS
Data setup to WRN high
35
ns
tRREC
Read recovery time
30
ns
tWREC
Write recovery time
22
ns
tZL
RDN low to data low impedance
0
ns
tRDH
RDN low to data invalid
0
ns
tWDH
Data hold after WRN high
5
ns
Data[7:0]
tDS
tCKH
tDH
tCKP
hsync/vsync
hclk
tCKR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com