Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL3065AS16-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL3065AS16-13
Description  BOOST CONTROLLER WITH 4-CHANNEL HIGH PERCISION CURRENT SOURCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3065AS16-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL3065AS16-13 Datasheet HTML 1Page - Diodes Incorporated AL3065AS16-13 Datasheet HTML 2Page - Diodes Incorporated AL3065AS16-13 Datasheet HTML 3Page - Diodes Incorporated AL3065AS16-13 Datasheet HTML 4Page - Diodes Incorporated AL3065AS16-13 Datasheet HTML 5Page - Diodes Incorporated AL3065AS16-13 Datasheet HTML 6Page - Diodes Incorporated AL3065AS16-13 Datasheet HTML 7Page - Diodes Incorporated AL3065AS16-13 Datasheet HTML 8Page - Diodes Incorporated AL3065AS16-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AL3065A
Electrical Characteristics (@TA = +25°C, VIN = 12V, VEN = 5V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Input Supply
VIN
Input Voltage
—
4.5
—
33
V
IQ
Quiescent Current
No Switching
—
3
—
mA
ISHDN
Shutdown Supply
Current
VEN = 0V
—
1
—
µA
VUVLO
Under-Voltage Lockout Voltage
VIN Rising
3.7
4.0
4.3
V
VHYS
UVLO Hysteresis
—
—
200
—
mV
VCC Regulator
VCC
VCC Voltage
VIN
≥ 5.5V
—
5
—
V
VIN < 5.5V
—
VIN-0.5
—
V
tRISE
OUT Pin Rise Time
OUT Pin Load = 1nF
—
30
—
ns
tFALL
OUT Pin Fall Time
OUT Pin Load = 1nF
—
30
—
ns
–
Load Regulation
Load = 0 to 30mA
—
5
—
mV/mA
–
Line Regulation
VIN = 12V to 33V
—
0.3
—
mV/V
High-Frequency Oscillator
fOSC1
Switch Frequency
RT = 100k
Ω
—
500
—
kHz
–
Switch Frequency Range
–
0.1
—
1
MHz
DMAX
Max. Duty Cycle
RT =
100kΩ
80
90
—
%
tON_TIME
Minimum On-Time
–
—
200
—
ns
Enable Logic and Dimming Logic
VEN_H
EN High Voltage
—
2.4
—
—
V
VEN_L
EN Low Voltage
—
—
—
0.5
V
VDIM_H
PWM Logic for External Dimming
—
2.5
—
–
V
VDIM_L
—
—
—
0.3
V
VADIM
ADIM Voltage Range for DC
Dimming
—
0
—
1.5
V
RADIM
ADIM Output Resistance
—
70
100
130
kΩ
Power Switch Drive
VLIMIT
Current Limit Threshold Voltage
—
480
540
600
mV
VLIMIT2
D/L Short Threshold Voltage
—
720
800
880
mV
tLEB
Current Sense LEB Time (Note 7)
—
80
100
150
ns
Compensation and Soft-Start (COMP Pin)
IO_H
Sourcing Current
VCOMP = 0.5V
—
120
—
µA
IO_L
Sinking Current
VCOMP = 2V
—
120
—
µA
AL3065A
Document number: DS41124 Rev. 1 - 2
5 of 16
www.diodes.com
August 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com