Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6505BA1WAD00 Datasheet(PDF) 37 Page - Micro Analog systems

Part # MAS6505BA1WAD00
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1WAD00 Datasheet(HTML) 37 Page - Micro Analog systems

Back Button MAS6505BA1WAD00 Datasheet HTML 33Page - Micro Analog systems MAS6505BA1WAD00 Datasheet HTML 34Page - Micro Analog systems MAS6505BA1WAD00 Datasheet HTML 35Page - Micro Analog systems MAS6505BA1WAD00 Datasheet HTML 36Page - Micro Analog systems MAS6505BA1WAD00 Datasheet HTML 37Page - Micro Analog systems MAS6505BA1WAD00 Datasheet HTML 38Page - Micro Analog systems MAS6505BA1WAD00 Datasheet HTML 39Page - Micro Analog systems MAS6505BA1WAD00 Datasheet HTML 40Page - Micro Analog systems MAS6505BA1WAD00 Datasheet HTML 41Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
DA6505.005
11 June 2018
37 (44)
SENSOR BRIDGE RESISTANCE TEMPERATURE SENSING
The MAS6505 supports temperature sensing using temperature dependency of sensor bridge resistance. This is
selected by setting TSENSOR=0 in the Temperature sensor configuration register (FB/7BHEX). In this configuration
the piezoresistive sensor bridge RS is connected into a Wheatstone resistor bridge configuration together with
four internal resistors R1, R2, R3 and R4. See Figure 13.
Figure 13. Temperature measurement circuit configuration in sensor bridge resistance temperature sensing
The formed Wheatstone bridge is usually balanced (output signal close to zero) at room reference temperature
using RSENSOR sensor bridge resistance trim bits in the Temperature sensor configuration register (FB/7BHEX).
See table 7 for register details. The temperature signal has following characteristics and it is the input signal for
the MAS6505 AFE in the temperature measurement.
( )
(
)
(
)
+
+
−
+
−
+
−
+
=
1
1
1
1
1
1
4
3
4
2
1
R
R
T
T
TC
R
T
T
TC
R
R
R
VDDS
T
V
REF
R
REF
S
S
IN
Equation 15
VDDS = sensor supply voltage; 1.68V typ
RS = sensor bridge resistance [
]
R1, 2, 3, 4 = internal resistors (see value in Electrical characteristics table on page 7) [
]
TCS = sensor resistance temperature coefficient [ppm/
C]
TCR = internal resistor temperature coefficient [ppm/
C]
TREF = reference temperature for resistor values (typically +25
C) [C]
T = actual sensor temperature to be measured [
C]
From equation 9 we see that the temperature signal has a rising temperature dependency vs. temperature when
the sensor resistance has a positive temperature coefficient TCS>0. With negative sensor resistance temperature
coefficient TCS<0 the signal has a falling temperature dependency vs. temperature. See signal illustrations in
Figure 14.
Figure 14. Temperature signals of positive and negative TC bridge resistance sensors
GND
R2
R4
R1
R3
PI
NI
VDD
R
S
V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com