Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6180B Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS6180B
Description  AM Receiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180B Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS6180B Datasheet HTML 4Page - Micro Analog systems MAS6180B Datasheet HTML 5Page - Micro Analog systems MAS6180B Datasheet HTML 6Page - Micro Analog systems MAS6180B Datasheet HTML 7Page - Micro Analog systems MAS6180B Datasheet HTML 8Page - Micro Analog systems MAS6180B Datasheet HTML 9Page - Micro Analog systems MAS6180B Datasheet HTML 10Page - Micro Analog systems MAS6180B Datasheet HTML 11Page - Micro Analog systems MAS6180B Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8 (13)
DA6180B.003
17 September, 2014
TYPICAL APPLICATION (Continued)
Table 4. Antenna Suppliers and Antenna Types for Time Signal Application
Supplier
Antenna Type
Dimensions
Web Link
Micro Analog
Systems Oy
A10X60-77.5K222PY
A10X100-77.5K222PY
A3.5X4X15-7.87MH
A2X3X21-0.92MH
A3.75X3.75X23.6-0.92MH
ø 10 x 60 mm
ø 10 x 100 mm
3.5 x 4 x 15 mm
2 x 3 x 21 mm
3.75x3.75x23 mm
http://www.mas-
oy.com/en/products/radio-controlled-
clock-rcc/antennas/
HR Electronic
GmbH
60716 (60 kHz)
60708 (77.5 kHz)
ø 10 x 60 mm
http://www.hrelectronic.com/
Hitachi Metals
AN-T702Sxx
AN-T702Mxx
AN-T702Lxx
19 x 5.5 x 6.3 mm
28 x 5 x 5 mm
50 x 5 x 5 mm
http://www.hitachi-
metals.co.jp/e/prod/prod06/p06_12.html
Premo
RCA-SMD-77A (77.5 kHz)
RCA-SMD-60A (60 kHz)
75 x 15 x 6.3 mm
http://www.grupopremo.com/
Sumida
ACL80A (40 kHz)
ø 10 x 80 mm
www.sumida.co.jp/jeita/XJA021.pdf
Note 6: Time Signal Software’s Pulse Width Recognition Limits
The typical output pulse width specifications are presented in the electrical characteristics section on page 3. Due
to process variations the typical output pulse width can differ from these. Additionally the output pulse widths can
vary even more depending on the receiving antenna signal strength versus noise and disturbance conditions.
That is why it is important that the time signal decoding software has appropriate tolerance limits for managing
the output pulse width variations successfully. The table 5 presents recommended software pulse width tolerance
limits for recognizing pulses of different time signals.
Table 5. Recommended Software Pulse Width Recognition Limits for Different Time Signals
Parameter
Symbol
Min
Max
Unit
DCF77 Output Pulses
T 100ms
T 200ms
40
140
130
250
ms
MSF Output Pulses
T 100ms
T 200ms
T 300ms
T 500ms
50
170
280
400
160
270
380
600
ms
WWVB Output Pulses
T 200ms
T 500ms
T 800ms
100
400
700
300
600
900
ms
JJY60 Output Pulses
T 200ms
T 500ms
T 800ms
100
400
700
300
600
900
ms
JJY40 Output Pulses
T 200ms
T 500ms
T 800ms
100
400
700
300
600
900
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com