Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6240D1TC00 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6240D1TC00
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240D1TC00 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6240D1TC00 Datasheet HTML 1Page - Micro Analog systems MAS6240D1TC00 Datasheet HTML 2Page - Micro Analog systems MAS6240D1TC00 Datasheet HTML 3Page - Micro Analog systems MAS6240D1TC00 Datasheet HTML 4Page - Micro Analog systems MAS6240D1TC00 Datasheet HTML 5Page - Micro Analog systems MAS6240D1TC00 Datasheet HTML 6Page - Micro Analog systems MAS6240D1TC00 Datasheet HTML 7Page - Micro Analog systems MAS6240D1TC00 Datasheet HTML 8Page - Micro Analog systems MAS6240D1TC00 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DA6240C.007
17 October, 2016
1 (13)
MAS6240C
Piezo Driver with Multi-Mode Charge Pump
 Both Single Ended and
Differential Output
 Three-Step Volume Adjusting
 Up to 18Vpp Output from 3V
Supply
 One Wire Audio & Shutdown
Control
 High Efficiency
 Solution without Inductors
 Low External Part Count
DESCRIPTION
MAS6240 is a piezo driver device that can drive
outputs up to 18Vpp from 3V supply. An internal three-
mode charge pump generates boosted supply voltage
for piezo driver. For adjusting the piezo element sound
volume, the charge pump can operate in either of a
1x, 2x or 3x mode. In 1x mode the output voltage is
same to the input voltage, in 2x or 3x mode the input
voltage is boosted up accordingly 2 or 3 times. Charge
pump mode is selected by control pins EN1 and EN2
(see Table 2 on page 3).
MAS6240 is an easy and low-cost solution for piezo
driver, since only 4 small value capacitors are needed
in addition to sound element - the use of inductors can
be avoided. The inductorless design also causes
significantly less disturbance to the surrounding
circuits making it an ideal choice for sensitive designs.
Its charge pump switches at 1MHz, allowing to using
as small as 100nF external capacitors.
Control logic is switching the charge pump on at first
rising signal of digital input (DIN) pin. The piezo driver
is enabled at a second rising edge of a pulse at DIN
and the signal is transferred to piezo output VO1. The
same signal is inverted into output VO2 for using
differential output. The charge pump and piezo driver
disable signal will be generated while the signal at DIN
has been at low mostly for 50ms. When disabled the
piezo driver outputs VO1 and VO2 are pulled actively
to GND.
Continuous logic high level at DIN input causes the
charge pump to be turned ON but leaves the piezo
driver disabled. In that state the VOUT charge pump
output of the MAS6240C2 version can be used to
power the external LED or any other external circuit up
to 5mA load. The output voltage is still selectable at
three steps.
In "disabled" mode (DIN has been low for 15ms
typically) all functional blocks are switched off to
achieve the quiescent current less than 1μA.
Two QFN packaged device versions are available. C1
version has short circuit protection which limits input
current taken from the supplies. It is suitable for
driving piezo in single ended configuration. C2 version
does not have input current limitation but it provides
maximum output current drive capability and loudest
sound pressure level. It is suited for driving piezo in
both single ended and differential configurations. In
the die form version D1 the input current limitation is
selectable by bonding.
FEATURES
APPLICATIONS
Piezo Driver & Charge Pump
 Thin QFN 2x2 and 3x3 12ld packages
 Three-Step Volume Adjusting
 Both Single Ended and Differential Output
 Up to 18Vpp Output from 3V Supply
 One Wire Audio & Shutdown Control
 Low External Part Count
 Inductorless low EMI solution
 Wrist Watches
 Alarm Clocks
 Handheld GPS devices
 PDAs
 Portable Device with Sound Feature
 1 MHz Switching Frequency
 Multi-Mode Charge Pump (1x/2x/3x)


Similar Part No. - MAS6240D1TC00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6240 MAS-MAS6240 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240A1HP06 MAS-MAS6240A1HP06 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240A1HP08 MAS-MAS6240A1HP08 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240A1TC00 MAS-MAS6240A1TC00 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240C MAS-MAS6240C Datasheet
221Kb / 11P
Piezo Driver with Multi-Mode Charge Pump
More results

Similar Description - MAS6240D1TC00

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1461 SEMTECH-SC1461 Datasheet
150Kb / 8P
Multi Mode Capless Charge Pump
logo
Micro Analog systems
MAS6240 MAS-MAS6240 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240C MAS-MAS6240C Datasheet
221Kb / 11P
Piezo Driver with Multi-Mode Charge Pump
logo
SG Micro Corp
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
Charge Pump LED Driver
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
Charge Pump LED Driver
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
Charge Pump LED Driver
logo
Micro Analog systems
MAS6241 MAS-MAS6241 Datasheet
431Kb / 9P
Piezo Driver with 3x Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com