Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYBE30 Datasheet(PDF) 4 Page - CUI INC

Part # PYBE30
Description  DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYBE30 Datasheet(HTML) 4 Page - CUI INC

  PYBE30 Datasheet HTML 1Page - CUI INC PYBE30 Datasheet HTML 2Page - CUI INC PYBE30 Datasheet HTML 3Page - CUI INC PYBE30 Datasheet HTML 4Page - CUI INC PYBE30 Datasheet HTML 5Page - CUI INC PYBE30 Datasheet HTML 6Page - CUI INC PYBE30 Datasheet HTML 7Page - CUI INC PYBE30 Datasheet HTML 8Page - CUI INC PYBE30 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
cui.com
date 01/24/2019
│ page 4 of 11
CUI Inc
│ SERIES: PYBE30 │ DESCRIPTION: DC-DC CONVERTER
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
80
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
vibration
10~55 Hz, for 30 minutes on each axis
10
G
DERATING CURVES
Ambient Temperature (°C)
-40
60
80
100
40
20
0
45
80
Temperature Derating Curve
(Natural Convection)
120
75
0
50
(20LFM)
(200LFM)
(100LFM)
Ambient Temperature (°C)
-40
60
80
100
40
20
0
50
80
Temperature Derating Curve
(Natural Convection)
120
75
0
55
(20LFM)
(200LFM)
(100LFM)
58
Ambient Temperature (°C)
-40
60
80
100
40
20
0
50
80
Temperature Derating Curve
(Natural Convection)
120
75
0
58
(20LFM)
(200LFM)
(100LFM)
40
Ambient Temperature (°C)
-40
60
80
100
40
20
0
55
80
Temperature Derating Curve
(Natural Convection)
120
75
0
60
(20LFM)
(200LFM)
(100LFM)
40
Applicable models:
PYBE30-Q24-D5 (9-18 Vdc input voltage),
PYBE30-Q24-D24 (9-18 Vdc input voltage),
PYBE30-Q48-D5 (18-36 Vdc input voltage)
Applicable models:
PYBE30-Q24-D5 (18-36 Vdc input voltage),
PYBE30-Q24-D24 (18-36 Vdc input voltage),
PYBE30-Q48-D5 (36-75 Vdc input voltage),
PYBE30-Q24-D12, PYBE30-Q24-D15,
PYBE30-Q48-D12, PYBE30-Q48-D15
Applicable models:
PYBE30-Q24-S3, PYBE30-Q24-S5,
PYBE30-Q48-S3, PYBE30-Q48-S5
Applicable models:
PYBE30-Q24-S9, PYBE30-Q24-S12,
PYBE30-Q24-S15, PYBE30-Q24-S24,
PYBE30-Q48-S12, PYBE30-Q48-S15,
PYBE30-Q48-S24
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com