Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56857 Datasheet(PDF) 214 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 214 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 210Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 211Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 212Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 213Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 214Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 215Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 216Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 217Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 218Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 662 page
background image
Resets
5685X Digital Signal Controller User Manual, Rev. 4
8-36
Freescale Semiconductor
8.10 Resets
8.10.1 Reset Handshake Timing
The ITCN provides the 56800E with a reset vector address on the VAB pins whenever RST is
asserted. The Reset Vector will be presented until the first rising clock edge after RST is
released. The general timing is shown in Figure 8-25.
Figure 8-25. Reset Interface
8.10.2 ITCN After Reset
After reset, all of the ITCN registers are in their default states. This means all interrupts are
disabled except the core IRQs with fixed priorities. Those are:
•
Illegal Instruction
•
SW Interrupt 3
•
HW Stack Overflow
•
Misaligned Long Word Access
•
SW Interrupt 2
•
SW Interrupt 1
•
SW Interrupt 0
•
SW Interrupt LP
Core IRQs are enabled at their fixed priority levels.
8.11 Interrupts
8.11.1 Interrupt Handshake Timing
The control logic looks a the current interrupt processing level using the SR_REG[9:8] bits from
the 56800E core and determines if an interrupt request of sufficient priority exists to assert the
interrupt output to the core. Upon asserting INT to the core, the Interrupt Controller also asserts
new values for the IPIC_LEVEL pins. These pins indicate the priority level required to interrupt
CLK
VAB
reset_vector_adr
RES
PAB
read_adr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com