Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

150SCFM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 150SCFM
Description  20SCFM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

150SCFM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  150SCFM Datasheet HTML 1Page - List of Unclassifed Manufacturers 150SCFM Datasheet HTML 2Page - List of Unclassifed Manufacturers 150SCFM Datasheet HTML 3Page - List of Unclassifed Manufacturers 150SCFM Datasheet HTML 4Page - List of Unclassifed Manufacturers 150SCFM Datasheet HTML 5Page - List of Unclassifed Manufacturers 150SCFM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
400, 700 & 1200 SCFM Coalescer
1-800-521-9200
11
Specifications
Port Sizes
1-1/4", 1-1/2", 2", 3"
Thread Styles*
NPT, BSPT, BSPP
Flow Capacity
400, 700 & 1200 SCFM
@ 100 PSI
Bowl Types
Aluminum
Maximum Temp.
175°F
Maximum Pressure** 200 PSIG
Filter Capacity
0.01 Micron and Larger
Differential Pressure < 1.5 PSID at Rated Flow
*3” unit is available in NPT thread only. **For higher pressure applications,
consult factory. If unit is equipped with differential indicator or float drain,
maximum temperature and pressure are 125°F and 150 PSIG regardless of
bowl design.
Front View
Physical Dimensions
Model #
Description
A
B
C
D
3C-400-M10-P
Metal Bowl, Manual Drain
7.8
27.5
7.8
3.9
3C-400-M10-F
Metal Bowl, Float Drain
7.8
32.0
7.8
3.9
3C-400-M10-Fi
Metal Bowl, Float Drain w/Indicator
7.8
33.0
7.8
3.9
3C-400-M12-P
Metal Bowl, Manual Drain
7.8
27.5
7.8
3.9
3C-400-M12-F
Metal Bowl, Float Drain
7.8
32.0
7.8
3.9
3C-400-M12-Fi
Metal Bowl, Float Drain w/Indicator
7.8
33.0
7.8
3.9
3C-400-M16-P
Metal Bowl, Manual Drain
7.8
27.5
7.8
3.9
3C-400-M16-F
Metal Bowl, Float Drain
7.8
32.0
7.8
3.9
3C-400-M16-Fi
Metal Bowl, Float Drain w/Indicator
7.8
33.0
7.8
3.9
3C-1200-M24-P
Metal Bowl, Manual Drain
8.0
39.5
8.0
4.0
3C-1200-M24-F
Metal Bowl, Float Drain
8.0
45.0
8.0
4.0
Physical dimensions for 400 and 700 SCFM housing are identical.
Order Guide
Metal Bowl
Metal Bowl
Port Size
Metal Bowl
w/Indicator
Metal Bowl
w/Indicator
1-1/4"
3C-400-M10-P
3C-400-M10-Pi
3C-700-M10-P
3C-700-M10-Pi
Manual Drain
1-1/2"
3C-400-M12-P
3C-400-M12-Pi
3C-700-M12-P
3C-700-M12-Pi
2"
3C-400-M16-P
3C-400-M16-Pi
3C-700-M16-P
3C-700-M16-Pi
3"
3C-1200-M24-P
1-1/4"
3C-400-M10-F
3C-400-M10-Fi
3C-700-M10-F
3C-700-M10-Fi
Float Drain
1-1/2"
3C-400-M12-F
3C-400-M12-Fi
3C-700-M12-F
3C-700-M12-Fi
2"
3C-400-M16-F
3C-400-M16-Fi
3C-700-M16-F
3C-700-M16-Fi
3"
3C-1200-M24-F
Replacement Parts & Accessories
Description
Part Number
Bowl O-Ring (400/700)
N32-F35-OR
Float Drain
N32-95-XD8
Differential Indicator (400/700)
N32-W1-DPi
Manual Drain (for Metal Bowl)
KSG-071
Description
Part Number
Electronic Drain
N32-XED-04
Replacement Element
3C-400, 3C-700,
3C-1200
Blanking Cap (400/700)
N32-95-020
Bowl O-Ring (1200)
PHC-032
Side View
Type of contamination: oil



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com