Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN4A4M Datasheet(PDF) 1 Page - NEC

Part # FN4A4M
Description  RESISTOR BUILT-IN TYPE PNP TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FN4A4M Datasheet(HTML) 1 Page - NEC

  FN4A4M Datasheet HTML 1Page - NEC FN4A4M Datasheet HTML 2Page - NEC FN4A4M Datasheet HTML 3Page - NEC FN4A4M Datasheet HTML 4Page - NEC FN4A4M Datasheet HTML 5Page - NEC FN4A4M Datasheet HTML 6Page - NEC FN4A4M Datasheet HTML 7Page - NEC FN4A4M Datasheet HTML 8Page - NEC FN4A4M Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
FN4xxx
RESISTOR BUILT-IN TYPE PNP TRANSISTOR
DATA SHEET
Document No. D16491EJ2V0DS00 (2nd edition)
Date Published February 2003 NS CP(K)
Printed in Japan
2002
The mark 5
5
5
5 shows major revised points.
FEATURES
• Compact package
• Resistors built-in type
• Complementary to FA4xxx
ORDERING INFORMATION
PART NUMBER
PACKAGE
FN4xxx
SC-59
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
−60
V
Collector to Emitter Voltage
VCEO
−50
V
Emitter to Base Voltage
VEBO
−5V
Collector Current (DC)
IC
−0.1
A
Collector Current (pulse)
Note
IC(pulse)
−0.2
A
Total Power Dissipation
PT
0.2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note PW
≤ 10 ms, Duty Cycle ≤ 50%
PART NUMBER
MARK
R1
R2
UNIT
PART NUMBER
MARK
R1
R2
UNIT
FN4A4M
NA1
10.0
10.0
k
Ω
FN4L4L
NK1
47.0
22.0
k
Ω
FN4F4M
NB1
22.0
22.0
k
Ω
FN4A4Z
NL1
10.0
k
Ω
FN4L4M
NC1
47.0
47.0
k
Ω
FN4F4Z
NM1
22.0
k
Ω
FN4L3M
ND1
4.7
4.7
k
Ω
FN4L4Z
NN1
47.0
k
Ω
FN4L3N
NE1
4.7
10.0
k
Ω
FN4F3M
NP1
2.2
2.2
k
Ω
FN4L3Z
NF1
4.7
k
Ω
FN4F3P
NQ1
2.2
10.0
k
Ω
FN4A3Q
NG1
1.0
10.0
k
Ω
FN4F3R
NR1
2.2
47.0
k
Ω
FN4A4P
NH1
10.0
47.0
k
Ω
FN4A4L
NS1
10.0
4.7
k
Ω
FN4F4N
NJ1
22.0
47.0
k
Ω
FN4L4K
NT1
47.0
10.0
k
Ω
PACKAGE DRAWING (Unit: mm)
0.95
0.3
0.95
2.9 ± 0.2
1.1 to 1.4
0 to 0.1
0.16
+0.1
–0.06
21
3
+0.1
–0.05
0.4
+0.1
–0.05
0.4
Marking
EQUIVALENT CIRCUIT
2
R1
R2
1
3
5
5
5
5
PIN CONNECTION
1: Emitter
2: Base
3: Collector
5
5
5
55
5
5
5


Similar Part No. - FN4A4M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FN4A4M RENESAS-FN4A4M Datasheet
530Kb / 24P
SILICON TRANSISTOR
2002
More results

Similar Description - FN4A4M

ManufacturerPart #DatasheetDescription
logo
NEC
GN1A4M NEC-GN1A4M Datasheet
181Kb / 4P
MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3M NEC-GN1L3M Datasheet
168Kb / 4P
MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3Z NEC-GN1L3Z Datasheet
199Kb / 4P
MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L4L NEC-GN1L4L Datasheet
172Kb / 4P
MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L4M NEC-GN1L4M Datasheet
186Kb / 4P
MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN4A4Z NEC-GN4A4Z Datasheet
322Kb / 22P
RESISTOR BUILT-IN TYPE PNP TRANSISTOR
KN4L3Z NEC-KN4L3Z Datasheet
379Kb / 22P
RESISTOR BUILT-IN TYPE PNP TRANSISTOR
logo
Unisonic Technologies
DTA115T UTC-DTA115T Datasheet
69Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
DTA124T UTC-DTA124T Datasheet
90Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
DTA144T UTC-DTA144T Datasheet
107Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com