Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM64152AL Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM64152AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64152AL Datasheet(HTML) 4 Page - OKI electronic componets

  MSM64152AL Datasheet HTML 1Page - OKI electronic componets MSM64152AL Datasheet HTML 2Page - OKI electronic componets MSM64152AL Datasheet HTML 3Page - OKI electronic componets MSM64152AL Datasheet HTML 4Page - OKI electronic componets MSM64152AL Datasheet HTML 5Page - OKI electronic componets MSM64152AL Datasheet HTML 6Page - OKI electronic componets MSM64152AL Datasheet HTML 7Page - OKI electronic componets MSM64152AL Datasheet HTML 8Page - OKI electronic componets MSM64152AL Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4/25
¡ Semiconductor
MSM64152A/64152AL
PAD CONFIGURATION
Pad Layout
Chip Size
: 3.90 mm ¥ 3.48 mm
Chip Thickness
: 350 mm (typ.)
Coordinate Origin
: Chip center
Pad Hole Size
: 110 mm ¥ 110 mm
Pad Size
: 120 mm ¥ 120 mm
Minimum Pad Pitch
: 180 mm
Note: The chip substrate voltage is VDD.
Y
X
43 42 41 40 39 38 37 36 35 34 33 32 31 30
123456789 10 11 12 13 14 15
29
28
27
26
25
24
23
22
21
20
19
18
17
16
44
45
46
47
48
49
50
52
53
54
55
56
57
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com