Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISC-1008ER100M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ISC-1008ER100M
Description  Surface Mount Wirewound Shielded Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC-1008ER100M Datasheet(HTML) 2 Page - Vishay Siliconix

  ISC-1008ER100M Datasheet HTML 1Page - Vishay Siliconix ISC-1008ER100M Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
55
ISC-1008
Vishay Dale
For technical questions, contact Magnetics@vishay.com
Document Number 34173
Revision 12-May-05
PERFORMANCE GRAPHS
ISC-1008
ISC-1008
REEL DIMENSIONS
TAPE DIMENSIONS
MODEL
A
B
T
ISC-1008
0.150
0.157
0.098
[3.8]
[4.0]
[2.5]
TAPE AND REEL SPECIFICATIONS in inches [millimeters]
Inductance vs Frequency
Q vs Frequency
0.08 ± 0.02
[2.0 ± 0.5]
0.098 ± 0.02
[2.5 ± 0.5]
0.51 ± 0.02
Ø [13.0 ± 0.5]
0.472 ± 0.04
[12.0 ± 1.0]
0.83 ± 0.03
Ø [21.0 ± 0.8]
7.0 ± 0.08
[178.0 ± 2.0]
MODEL
UNITS PER REEL
ISC-1008
750
Surface Mount, Wirewound Shielded Inductor
0.07
± 0.002
[1.75
± 0.05]
A
± 0.004
[
± 0.1]
0.315
± 0.004
[8.0
± 0.1]
B
± 0.004
[
± 0.1]
0.472
± 0.008
[12.0
± 0.2]
0.158
± 0.004
[4.0
± 0.1]
0.08
± 0.002
[2.0
± 0.05]
0.1
± 0.002
[0.3
± 0.05]
± 0.002
[
± 0.05]
0.217
± 0.002
[5.5
± 0.05]
T
0
1
10
100
1000
10000
0,01
0,1
1
10
100
Frequency MHz
1000µH
100µH
10µH
1µH
0
10
20
30
40
50
60
70
80
90
100
0,1
1
10
100
Frequency MHz
1000µH
100µH
10µH
1µH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com