Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3L Datasheet(PDF) 1 Page - Anshan Leadsun Electronics Co., Ltd

Part # SP3L
Description  High Voltage Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSUN [Anshan Leadsun Electronics Co., Ltd]
Direct Link  http://www.hv-semi.com/en/
Logo LEADSUN - Anshan Leadsun Electronics Co., Ltd

SP3L Datasheet(HTML) 1 Page - Anshan Leadsun Electronics Co., Ltd

  SP3L Datasheet HTML 1Page - Anshan Leadsun Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Voltage Diode
TEL: +86-412-2660889
FAX: +86-412-2663889
Email: leadsun@hv-semi.com
Http: // www.hv-semi.com
SP3L
3kv 500mA 100nS
LEADSUN ELECTRONICS
FEATURES
Fast reverse recovery time
SMA Package
Tj:-40℃~+120℃
ROHS compliant
Device Electrical Characteristics(Ta=25℃ Unless otherwise noted)
Mechanical Data
Items
Symbol
Conditions
Value
Unit
Max. Repetitive Peak Reverse Voltage
VRRM
3
KV
Average Forward Current max.
IF(AV)
Ta=55℃
500
mA
Max. Forward Voltage Drop
VFM
IF=100mA
12
V
Max. Surge Current
IFSM
10msec, half sine
15
A
Max. Reverse Current
IRM1
VR=VRRM
2
μA
Max. High Temperature Reverse Current
IRM2
Ta=100℃ VR=VRRM
5
μA
Max. Reverse Recovery Time
trr
IF=100mA, IR=200mA
IRR=50mA
100
nS
Max. Temperature Junction
TJ
120
℃
Storage Temperature Range
Tstg
-55to160
℃


Similar Part No. - SP3L

ManufacturerPart #DatasheetDescription
logo
Anshan Leadsun Electron...
SP3LG LEADSUN-SP3LG Datasheet
314Kb / 1P
High Voltage Diode
More results

Similar Description - SP3L

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESJA28 FUJI-ESJA28 Datasheet
23Kb / 2P
HIGH VOLTAGE DIODE
logo
Anshan Leadsun Electron...
2CL70 LEADSUN-2CL70 Datasheet
333Kb / 1P
High Voltage Diode
SP5LG LEADSUN-SP5LG Datasheet
314Kb / 1P
High Voltage Diode
SPF03-20 LEADSUN-SPF03-20 Datasheet
314Kb / 1P
High Voltage Diode
SPF05-15 LEADSUN-SPF05-15 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-10 LEADSUN-SPF10-10 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-20 LEADSUN-SPF10-20 Datasheet
314Kb / 1P
High Voltage Diode
2CL105 LEADSUN-2CL105 Datasheet
296Kb / 1P
High Voltage Diode
HVD37-08F LEADSUN-HVD37-08F Datasheet
298Kb / 1P
High Voltage Diode
HVRT250 LEADSUN-HVRT250 Datasheet
287Kb / 1P
High Voltage Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com