Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25T10AI-BW Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 25T10AI-BW
Description  TRIACs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

25T10AI-BW Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  25T10AI-BW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 25T10AI-BW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 25T10AI-BW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 25T10AI-BW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 25T10AI-BW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 25T10AI-BW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
www.nellsemi.com
Page 4 of 6
25T Series
Fig.1 Maximum power dissipation versus RMS on-state
current (full cycle)
Fig.2 RMS on-state current versus case temperature
(full cycle)
0
5
10
15
20
30
25
P (W)
0
I
(A)
T(RMS)
125
100
75
50
25
2
Fig.3 D PAK RMS on-state current versus ambient
temperature (printed circuit board FR4,
copper thickness: 35µm)(full cycle)
Fig.4 Relative variation of thermal impedance
versus pulse duration.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1E-3
1E-2
1E-1
1E+0
K=[Z /R ]
th
th
5E+2
1E+2
1E+1
1E+0
1E-1
1E-2
0
25
50
75
100
125
I
(A)
T(RMS)
1
10
100
I
(A)
Fig.5 On-state characteristics (maximum values).
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
250
I
(A)
TSM
Fig.6 Surge peak on-state current versus number
of cycles.
1
10
100
1000
300
I
(A)
T(RMS)
0
5
10
15
20
25
TO-220AB
(
)
insulated
TO-220AB
TO-263
TO-3P(insulated)
TO-3P
T (°C)
C
4.0
2
D PAK
2
(S=1cm )
T
(°C)
amb
Zth(j-c)
TO-263AB
TO-220AB
TO-220AB (insulated)
Zth(j-a)
TO-3P(insulated)
tp(s)
1E-3
0
5
10
15
20
30
25
300
T max.
j
V
= 0.85 V
to
R = 16 mΩ
d
T =T max
j
j
T =25°C
j
V
(V)
TM
Number of cycles
Repetitive
T =75°C
c
Non repetitive
T initial=25°C
j
t=20ms
One cycle
Zth(j-a)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com