Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18LF2420E/PTSTQP Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC18LF2420E/PTSTQP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF2420E/PTSTQP Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC18LF2420E/PTSTQP Datasheet HTML 45Page - Microchip Technology PIC18LF2420E/PTSTQP Datasheet HTML 46Page - Microchip Technology PIC18LF2420E/PTSTQP Datasheet HTML 47Page - Microchip Technology PIC18LF2420E/PTSTQP Datasheet HTML 48Page - Microchip Technology PIC18LF2420E/PTSTQP Datasheet HTML 49Page - Microchip Technology PIC18LF2420E/PTSTQP Datasheet HTML 50Page - Microchip Technology PIC18LF2420E/PTSTQP Datasheet HTML 51Page - Microchip Technology PIC18LF2420E/PTSTQP Datasheet HTML 52Page - Microchip Technology PIC18LF2420E/PTSTQP Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 390 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39631A-page 47
PIC18F2420/2520/4420/4520
FIGURE 4-6:
SLOW RISE TIME (MCLR TIED TO VDD, VDD RISE > TPWRT)
FIGURE 4-7:
TIME-OUT SEQUENCE ON POR W/PLL ENABLED (MCLR TIED TO VDD)
VDD
MCLR
INTERNAL POR
PWRT TIME-OUT
OST TIME-OUT
INTERNAL RESET
0V
5V
TPWRT
TOST
TPWRT
TOST
VDD
MCLR
INTERNAL POR
PWRT TIME-OUT
OST TIME-OUT
INTERNAL RESET
PLL TIME-OUT
TPLL
Note:
TOST = 1024 clock cycles.
TPLL
≈ 2 ms max. First three stages of the PWRT timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com