Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4420E/PSTQP Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC18F4420E/PSTQP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4420E/PSTQP Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC18F4420E/PSTQP Datasheet HTML 50Page - Microchip Technology PIC18F4420E/PSTQP Datasheet HTML 51Page - Microchip Technology PIC18F4420E/PSTQP Datasheet HTML 52Page - Microchip Technology PIC18F4420E/PSTQP Datasheet HTML 53Page - Microchip Technology PIC18F4420E/PSTQP Datasheet HTML 54Page - Microchip Technology PIC18F4420E/PSTQP Datasheet HTML 55Page - Microchip Technology PIC18F4420E/PSTQP Datasheet HTML 56Page - Microchip Technology PIC18F4420E/PSTQP Datasheet HTML 57Page - Microchip Technology PIC18F4420E/PSTQP Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 390 page
background image
PIC18F2420/2520/4420/4520
DS39631A-page 52
Preliminary
 2004 Microchip Technology Inc.
IPR2
2420
2520
4420
4520
11-1 1111
11-1 1111
uu-u uuuu
PIR2
2420
2520
4420
4520
00-0 0000
00-0 0000
uu-u uuuu
(1)
PIE2
2420
2520
4420
4520
00-0 0000
00-0 0000
uu-u uuuu
IPR1
2420
2520
4420
4520
1111 1111
1111 1111
uuuu uuuu
2420
2520
4420
4520
-111 1111
-111 1111
-uuu uuuu
PIR1
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu(1)
2420
2520
4420
4520
-000 0000
-000 0000
-uuu uuuu
(1)
PIE1
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
2420
2520
4420
4520
-000 0000
-000 0000
-uuu uuuu
OSCTUNE
2420
2520
4420
4520
00-0 0000
00-0 0000
uu-u uuuu
TRISE
2420
2520
4420
4520
0000 -111
0000 -111
uuuu -uuu
TRISD
2420
2520
4420
4520
1111 1111
1111 1111
uuuu uuuu
TRISC
2420
2520
4420
4520
1111 1111
1111 1111
uuuu uuuu
TRISB
2420
2520
4420
4520
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
2420
2520
4420
4520
1111 1111(5)
1111 1111(5)
uuuu uuuu(5)
LATE
2420
2520
4420
4520
---- -xxx
---- -uuu
---- -uuu
LATD
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
2420
2520
4420
4520
xxxx xxxx
(5)
uuuu uuuu
(5)
uuuu uuuu
(5)
PORTE
2420
2520
4420
4520
---- xxxx
---- uuuu
---- uuuu
PORTD
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
2420
2520
4420
4520
xx0x 0000
(5)
uu0u 0000
(5)
uuuu uuuu
(5)
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note
1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled
as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com