Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DGD2012 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2012
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2012 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2012 Datasheet HTML 1Page - Diodes Incorporated DGD2012 Datasheet HTML 2Page - Diodes Incorporated DGD2012 Datasheet HTML 3Page - Diodes Incorporated DGD2012 Datasheet HTML 4Page - Diodes Incorporated DGD2012 Datasheet HTML 5Page - Diodes Incorporated DGD2012 Datasheet HTML 6Page - Diodes Incorporated DGD2012 Datasheet HTML 7Page - Diodes Incorporated DGD2012 Datasheet HTML 8Page - Diodes Incorporated DGD2012 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD2012
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Description
The DGD2012 is a mid-voltage / high-speed gate driver capable of
driving N-Channel MOSFETs in a half-bridge configuration. High-
voltage processing techniques enable the DGD2012’s high-side to
switch to 200V in a bootstrap operation.
The DGD2012 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with controlling
devices. The driver outputs feature high pulse current buffers
designed for minimum driver cross conduction.
The DGD2012 is available in a space saving SO-8 package and
operates over an extended -40°C to +125°C temperature range.
Applications
Battery Power Tools and Appliances
Light Electric Vehicles (LEV)
Inverters
Features
Floating High-Side Driver in Bootstrap Operation to 200V
Drives Two N-Channel MOSFETs in Half Bridge Configuration
1.9A Source / 2.3A Sink Output Current Capability
Outputs Tolerant to Negative Transients
Wide Low-Side Gate Driver Supply Voltage: 10V to 20V
Logic Input (HIN and LIN) 3.3V Capability
Schmitt Triggered Logic Inputs with Internal Pull Down
Undervoltage Lockout for High-Side and Low-Side Drivers
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SO-8 (Type TH)
Case Material: Molded Plastic. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish—Matte Tin Plated Leads. Solderable per
MIL-STD-202, Method 208
Weight: 0.075 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD2012S8-13
DGD2012
13
12
2500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
SO-8
Top View
Typical Configuration
DGD2012
YY WW
= Manufacturer’s Marking
DGD2012 = Product Type Marking Code
YY = Year (ex: 19 = 2019)
WW = Week (01 to 53)
DGD2012
Document number: DS41324 Rev. 3 - 2
1 of 11
www.diodes.com
February 2019
© Diodes Incorporated


Similar Part No. - DGD2012

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2003 DIODES-DGD2003 Datasheet
741Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 3 - 2 November 2019
DGD2003S8-13 DIODES-DGD2003S8-13 Datasheet
688Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2003S8-13 DIODES-DGD2003S8-13 Datasheet
741Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 3 - 2 November 2019
DGD2003 DIODES-DGD2003_V01 Datasheet
741Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 3 - 2 November 2019
More results

Similar Description - DGD2012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD0590 DIODES-DGD0590 Datasheet
466Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
logo
Infineon Technologies A...
AUIRS2012S INFINEON-AUIRS2012S Datasheet
464Kb / 11P
High and low side gate driver
February 25, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com