Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VL53L1CXV0FY/1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # VL53L1CXV0FY/1
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1CXV0FY/1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VL53L1CXV0FY/1 Datasheet HTML 20Page - STMicroelectronics VL53L1CXV0FY/1 Datasheet HTML 21Page - STMicroelectronics VL53L1CXV0FY/1 Datasheet HTML 22Page - STMicroelectronics VL53L1CXV0FY/1 Datasheet HTML 23Page - STMicroelectronics VL53L1CXV0FY/1 Datasheet HTML 24Page - STMicroelectronics VL53L1CXV0FY/1 Datasheet HTML 25Page - STMicroelectronics VL53L1CXV0FY/1 Datasheet HTML 26Page - STMicroelectronics VL53L1CXV0FY/1 Datasheet HTML 27Page - STMicroelectronics VL53L1CXV0FY/1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Electrical characteristics
VL53L1X
24/35
DocID031281 Rev 3
5.4
Current consumption
5.5
Digital I/O electrical characteristics
Table 16. Power consumption at ambient temperature (1)
1. All current consumption values include silicon process variations. Temperature and voltage are nominal
conditions (23 °C and AVDD 2v8). All values include AVDD and AVDDVCSEL.
Parameter
Min.
Typ.
Max.
Unit
HW standby
3
5
7
uA
SW standby (2)
2. In 2v8 (IOVDD) mode, pull ups have to be modified, then SW Standby consumption is increased by 0.6 µA.
469
Inter measurement
20
Ranging average (AVDD + AVDDVCSEL) (3) (4)
3. Average consumption during ranging operation in long distance mode.
4. Peak current (including VCSEL) can reach 40 mA.
16
18
mA
Average power consumption at 10 Hz with 33 ms
timing budget
20
mW
Average power consumption at 1 Hz with 20 ms
timing budget when no target detected
0.9
Average power consumption at 1 Hz with 20 ms
timing budget when target detected
1.4
Table 17. Digital I/O electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
-
-
0.3 IOVDD
V
VIH
High level input voltage
0.7 IOVDD
-
VOL
Low level output voltage
(IOUT = 4 mA)
-0.4
VOH
High level output voltage
(IOUT = 4 mA)
IOVDD-0.4
-
FGPIO
Operating frequency
(CLOAD = 20 pF)
0108
MHz
VIL
Low level input voltage
-0.5
-
0.6
V
VIH
High level input voltage
1.12
IOVDD+0.5
VOL
Low level output voltage
(IOUT = 4 mA)
-0.4
IIL/IH
Leakage current (1)
1. AVDD = 0 V
-10
µA
Leakage current (2)
2. AVDD = 2.85 V; I/O voltage = 1.8 V
-0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com