Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT7913E Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT7913E
Description  A linear charging model in the built-in maximum 1 A linear charging mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT7913E Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT7913E Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT7913E
1/6
www.hotchip.com.cn
Ver1.1
蓝牙音箱电源管理方案
产品概述
HT7913 是一款集成了锂电池充电管理模块、充
电指示模块及 DC-DC 的升压管理模块的便携式电源
管理 IC,可以完成移动电源专案,蓝牙音箱电源专
案,及其他与锂电池有关的专案。
主要特点
内置最大 1A 线性充电模式;
◆ 充电输入具有 OVP 功能,输入电压超过 6.2V 自
动停止充电;
◆ 涓流/恒流/恒压三段式充电,充饱电压 4.22V,支
持对 0V 电池充电;
◆ 内置充电能根据温升自动降低充电电流,120 度开
始下降,最低可降至 0;
升压固定开关频率 650KHZ,驱动外置 MOS 管,
可以根据应用进行选用,灵活性强
◆ 内置 0.6V 基准源,输出电压可调,内置 0.68V 基
准 OVP 保护锁存功能,输出电流可调
◆ 使用 EN 引脚控制升压启动和关闭
◆ 支持 5V/9V/12V 输出,具有恒功率输出功能 ,充
电的过程中允许升压
◆ 电池过充、过放保护;
◆ 4KV ESD;
◆ ESOP8 封装
典型应用
移动电源
各种备用电源;
锂电池充电器
蓝牙功放,音箱
典型应用电路图


Similar Part No. - HT7913E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
December 28, 2009
HT7936A HOLTEK-HT7936A Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
HT7936A HOLTEK-HT7936A_10 Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
HT7936A HOLTEK-HT7936A_16 Datasheet
1Mb / 15P
White LED Step-up Charge Pump Converter
June 25, 2016
HT7936B HOLTEK-HT7936B Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
December 28, 2009
More results

Similar Description - HT7913E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40568 FUJITSU-MB40568 Datasheet
175Kb / 24P
A/D Converter (1-channel, 8-bit low-power model with built-in clamp circuit)
logo
Dialog Semiconductor
DA9155M DIALOG-DA9155M Datasheet
961Kb / 36P
2.5 A Companion Charger for rapid charging
logo
Shenzhen Sunnyway Batte...
SWT121200 SUNNYWAY-SWT121200 Datasheet
577Kb / 1P
Initial Charging Current less than 35 A
logo
Hotchip Technology Co.,...
HT4913S HOTCHIP-HT4913S Datasheet
944Kb / 7P
The built-in maximum 1 A linear charging mode
HT4929E HOTCHIP-HT4929E Datasheet
958Kb / 6P
ChargIng, electric discharge can be used in a port, intelligent recognition charging input load output
HT4936S HOTCHIP-HT4936S Datasheet
1Mb / 7P
The built-in maximum 1 A linear charging mode of charging current is adjustable
HT7582S HOTCHIP-HT7582S Datasheet
1Mb / 7P
A linear charging mode of the maximum 1 A linear charging mode of a charged current
HT4349Q HOTCHIP-HT4349Q Datasheet
996Kb / 6P
A linear charging mode of the largest A linear charging mode. charging current can be passed.
logo
SHOUDING Shouding Semic...
SD8067 SHOUDING-SD8067 Datasheet
2Mb / 13P
Linear lithium ion battery charging chip
logo
Shenzhen Huazhimei Semi...
HM5915 HMSEMI-HM5915 Datasheet
941Kb / 12P
1.2A charging 1 A discharging Highly integrated mobile power SOC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com