Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC320EM2 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LC320EM2
Description  32 LCD TV
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LC320EM2 Datasheet(HTML) 1 Page - Emerson Network Power

  LC320EM2 Datasheet HTML 1Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FUNAI CORPORATION 201 Route 17 North, Suite 903, Rutherford, NJ 07070 www.emersonaudiovideo.com
EMERSON AND THE G-CLEF LOGO ARE REGISTERD TRADEMARKS OF EMERSON RADIO CORP., PARSIPPANY, NEW JERSEY, U.S.A.
ENERGY STAR® is a registered mark owned by the U.S. government.
Features & Specifications
32 LCD TV LC320EM2
TV
Screen Size: 32 inch class (31.5 inches measured diagonally)
Clear Pix Engine Plus
Resolution: WXGA (1366 x 768)
Adaptive 3D Y/C Comb Filter
Picture Control
[Picture Mode: Personal / Standard / Sports / Movie / Game]
[Brightness] [Contrast] [Color] [Tint] [Sharpness]
[Color Temperature: Cool / Normal / Warm]
Sound Control
[Sound Mode: Personal / Standard / Movie / Music / News]
[5 Band Equalizer] [Auto Volume Leveling] [Virtual Surround]
TUNER
Built-in ATSC / NTSC Tuner (HD Quality Output)
Child Lock: Channel Lock, Downloadable Rating (V-Chip2.0)
CONVENIENCE
Closed Caption Decoder
Trilingual On-Screen Display (English / Spanish / French)
Sleep Timer (up to 120 min.)
JPEG Photo Viewer (via USB Flash Memory)
fun-Link: One Touch Play via HDMI Connection
(HDMI cable not included)
Eco Button on Remote Control: Energy Saving Brightness Control
Auto Shut Off
VESA Mount 200x200
Remote Control with Batteries
Quick Guide
INPUT
[REAR]
t
e
s
1
:
I
M
D
H
t
e
s
1
:
N
I
C
P
[SIDE]
t
e
s
1
:
t
u
p
n
I
F
R
t
e
s
1
:
I
M
D
H
Component video (HD/SD)/VIDEO +Audio L/R : 1 set
t
e
s
1
:
)
k
c
a
b
y
a
l
P
G
E
P
J
(
B
S
U
OUTPUT
Digital Audio Output (Coaxial) :
1 set
W
5
+
W
5
:
r
e
w
o
P
t
u
p
t
u
O
r
e
k
a
e
p
S
WEIGHT & DIMENSIONS
s
e
h
c
n
i
5
.
9
x
4
.
1
2
x
0
.
0
3
:
]
D
x
H
x
W
[
s
n
o
i
s
n
e
m
i
D
(760 x 543x 240.4 mm)
)
g
k
3
.
8
(
s
b
l
3
.
8
1
:
t
h
g
i
e
W
Dimensions with Packing [WxHxD] :
34.8 x 23.6 x 6.9 inches
(883 x 597 x 175mm)
)
g
k
3
.
0
1
(
s
b
l
1
7
.
2
2
:
g
n
i
k
c
a
P
h
ti
w
t
h
g
i
e
W
h
c
n
e
r
F
&
h
s
i
n
a
p
S
&
h
s
il
g
n
E
:
l
a
u
n
a
M
s
'r
e
n
w
O
UL Listed, FCC Certified
ENERGY STAR 4.2 Qualified
ENERGY STAR® is a registered mark owned by the U.S. government.
CONTAINER LOAD (approx.)
s
ti
n
u
2
5
2
:
tf
0
2
s
ti
n
u
9
1
5
:
tf
0
4
s
ti
n
u
2
9
6
:
C
H
-t
f
0
4
(Please confirm with Sales for exact quantities)
All design specifications and dimensions are tentative and subject to change. Please
confirm specific features and exact specifications by reference to the actual product.
Rear Panel
Side Panel


Similar Part No. - LC320EM2

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC320DXE LG-LC320DXE Datasheet
1Mb / 35P
32.0” WXGA TFT LCD
Ver. 1.2
LC320DXE-SFR1 LG-LC320DXE-SFR1 Datasheet
1Mb / 35P
32.0” WXGA TFT LCD
Ver. 1.2
LC320DXN LG-LC320DXN Datasheet
1Mb / 36P
32.0” WXGA TFT LCD
Ver. 1.0
LC320DXN-SER1 LG-LC320DXN-SER1 Datasheet
1Mb / 36P
32.0” WXGA TFT LCD
Ver. 1.0
logo
List of Unclassifed Man...
LC320WUD-SBA1 ETC2-LC320WUD-SBA1 Datasheet
22Kb / 1P
Variant price modifier
More results

Similar Description - LC320EM2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
Colour LCD/CRT/TV Controller
logo
National Semiconductor ...
FPD48084 NSC-FPD48084 Datasheet
142Kb / 2P
LCD TV TFT-LCD Timing Controller with PPDS
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
LCD TV Scan Converter IC
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
Entry level LCD TV controller
25-Aug-2008
logo
Fairchild Semiconductor
FCP190N65F FAIRCHILD-FCP190N65F Datasheet
1Mb / 9P
LCD / LED / PDP TV
logo
Texas Instruments
FPD48084 TI1-FPD48084_13 Datasheet
47Kb / 4P
LCD TV TFT-LCD Column Driver
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
LCD TV TFT-LCD Timing Controller
logo
Samsung semiconductor
LA32C550J1F SAMSUNG-LA32C550J1F Datasheet
3Mb / 98P
LCD-TV
logo
List of Unclassifed Man...
LAXC021T0B-Q1 ETC2-LAXC021T0B-Q1 Datasheet
33Kb / 1P
IC for LCD TV
logo
Toshiba Semiconductor
32AV700E TOSHIBA-32AV700E Datasheet
3Mb / 32P
OWNERS MANUAL LCD Colour TV
2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com