Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BMP180 Datasheet(PDF) 18 Page - Bosch Sensortec GmbH

Part # BMP180
Description  Digital pressure sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP180 Datasheet(HTML) 18 Page - Bosch Sensortec GmbH

Back Button BMP180 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 22Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data sheet
BMP180
Page 18
BST-BMP180-DS000-12 | Revision 2.8 | May 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4. Global Memory Map
The memory map below shows all externally accessible data registers which are needed to operate
BMP180. The left columns show the memory addresses. The columns in the middle depict the
content of each register bit. The colors of the bits indicate whether they are read-only, write-only or
read- and writable. The memory is volatile so that the writable content has to be re-written after each
power-on.
Not all register addresses are shown. These registers are reserved for further Bosch factory testing
and trimming.
Figure 6: Memory map
Measurement control (register F4h <4:0>): Controls measurements. Refer to Figure 6 for usage
details.
Sco (register F4h <5>): Start of conversion. The value of this bit stays “1” during conversion and is
reset to “0” after conversion is complete (data registers are filled).
Oss (register F4h <7:6>): controls the oversampling ratio of the pressure measurement (00b: single,
01b: 2 times, 10b: 4 times, 11b: 8 times).
Soft reset (register E0h): Write only register. If set to 0xB6, will perform the same sequence as
power on reset.
Chip-id (register D0h): This value is fixed to 0x55 and can be used to check whether
communication is functioning.
After conversion, data registers can be read out in any sequence (i.e. MSB first or LSB first). Using a
burst read is not mandatory.
Register Name
Register Address
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Reset
state
out_xlsb
F8h
0
0
0
00h
out_lsb
F7h
00h
out_msb
F6h
80h
ctrl_meas
F4h
sco
00h
soft
reset
E0h
00h
id
D0h
55h
calib21 downto calib0
BFh downto AAh
n/a
Registers:
Control
registers
Calibration
registers
Dat
a
registers
Fixed
Type:
calib21<7:0>downto calib0<7:0>
adc_out_xlsb<7:3
>
reset
id<7:0>
adc_out_lsb<7:0
>
adc_out_msb<7:0>
oss<1:0>
measurement
control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com