Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC89C53RC Datasheet(PDF) 54 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 54 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 50Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 51Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 52Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 53Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 54Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 55Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 56Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 57Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 58Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 165 page
background image
Operation:
DJNZ
(PC) ← (PC) + 2
← (PC) + 2
(PC) + 2
(direct) ← (direct) – 1
← (direct) – 1
(direct) – 1
IF (direct) > 0 or (direct) < 0
THEN
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
INC
<byte>
Function:
Increment
Description:
INC increments the indicated variable by 1. An original value of 0FFH will overflow to
00H.No flags are affected. Three addressing modes are allowed: register, direct, or register-
indirect.
Note: When this instruction is used to modify an output port, the value used as the original
port data will be read from the output data latch, not the input pins.
Example:
Register 0 contains 7EH (011111110B). Internal RAM locations 7EH and 7FH contain 0FFH
and 40H, respectively. The instruction sequence,
INC @R0
INC
R0
INC @R0
will leave register 0 set to 7FH and internal RAM locations 7EH and 7FH holding
(respectively) 00H and 41H.
INC
A
Bytes:
1
Cycles:
1
Encoding:
0 0 0 0
0 1 0 0
Operation:
INC
(A) ← (A)+1
← (A)+1
INC
Rn
Bytes:
1
Cycles:
1
Encoding:
0 0 0 0
1 r r r
Operation:
INC
(Rn) ← (Rn)+1
← (Rn)+1
INC
direct
Bytes:
2
Cycles:
1
Encoding:
0 0 0 0
0 1 0 1
direct address
Operation:
INC
(direct)←(direct)
←(direct)
(direct)
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com