Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC89LE51RC Datasheet(PDF) 56 Page - STCmicro Technology Co,.Ltd

Part # STC89LE51RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC Datasheet(HTML) 56 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 52Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 53Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 54Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 55Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 56Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 57Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 58Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 59Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 60Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 165 page
background image
JBC
bit, rel
Function:
Jump if Bit is set and Clear bit
Description:
If the indicated bit is one,branch to the address indicated;otherwise proceed with the next
instruction.The bit wili not be cleared if it is already a zero. The branch destination is
computed by adding the signed relative-displacement in the third instruction byte to the PC,
after incrementing the PC to the first byte of the next instruction. No flags are affected.
Note: When this instruction is used to test an output pin, the value used as the original data
will be read from the output data latch, not the input pin.
Example:
The Accumulator holds 56H (01010110B). The instruction sequence,
JBC
ACC.3, LABEL1
JBC
ACC.2, LABEL2
will cause program execution to continue at the instruction identified by the label LABEL2,
with the Accumulator modified to 52H (01010010B).
Bytes:
3
Cycles:
2
Encoding:
0 0 0 1
0 0 0 0
bit address
rel. address
Operation:
JBC
(PC) ← (PC)+ 3
← (PC)+ 3
(PC)+ 3
IF (bit) = 1
THEN
(bit) ← 0
← 0
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
JC
rel
Function:
Jump if Carry is set
Description:
If the carry flag is set, branch to the address indicated; otherwise proceed with the next
instruction. The branch destination is computed by adding the signed relative-displacement in
the second instruction byte to the PC, after incrementing the PC twice.No flags are affected.
Example:
The carry flag is cleared. The instruction sequence,
JC
LABEL1
CPL
C
JC
LABEL2s
will set the carry and cause program execution to continue at the instruction identified by the
label LABEL2.
Bytes:
2
Cycles:
2
Encoding:
0 1 0 0
0 0 0 0
rel. address
Operation:
JC
(PC) ← (PC)+ 2
← (PC)+ 2
(PC)+ 2
IF (C) = 1
THEN
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com