Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BK3231S Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # BK3231S
Description  Bluetooth SoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231S Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button BK3231S Datasheet HTML 16Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 17Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 18Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 19Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 20Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 21Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 22Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 23Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
BK3231S Datasheet
V1.5
© 2015 Beken Corporation
Proprietary and Confidential
Page 21 of 24
C/ICO
Co-channel C/I
TBD
dB
C/I1ST
ACS C/I 1MHz
TBD
dB
C/I2ND
ACS C/I 2MHz
TBD
dB
C/I3RD
ACS C/I 3MHz
TBD
dB
C/I1STI
ACS C/I Image channel
TBD
dB
C/I2NDI
ACS C/I 1 MHz adjacnet to image
channel
TBD
dB
4.3 BR mode
Table 6 BR mode RF Characteristics
Name
Parameter (Condition)
Min
Typi
cal
Max
Unit
Com
ment
Normal condition
IVDD
Deep sleep
TBD
uA
IVDD
Active RX
TBD
mA
IVDD
Active TX @ 2 dBm output power
TBD
mA
Transmitter
PRF
Output power
2
5
dBm
PBW
Modulation 20 dB bandwidth
1
MHz
Receiver
Max Input
1 E-3 BER
0
dBm
RXSENS
1 E-3 BER sensitivity
-86
dBm
IIP3
IIP3, Pin=-63 dBm; Punwant=-39
dBm; f0=2f1-f2, f2-f1=3 MHz or 4
MHz or 5 MHz
TBD
dBm
C/ICO
Co-channel C/I
11
dB
C/I1ST
ACS C/I 1MHz
0
dB
C/I2ND
ACS C/I 2MHz
-30
dB
C/I3RD
ACS C/I 3MHz
-40
dB
C/I1STI
ACS C/I Image channel
-9
dB
C/I2NDI
ACS C/I 1 MHz adjacnet to image
channel
-20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com