Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASX340 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 27Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 28Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 29Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 30Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 31Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 32Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 33Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
31
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
External Signal Processing
Aptina Confidential and Proprietary
Preliminary
Device Configuration
After power is applied and the device is out of reset by de-asserting the RESET_BAR pin,
it will enter a boot sequence to configure its operating mode. There are essentially three
configuration modes: Flash/EEPROM Config, Auto Config, and Host Config. Figure 19:
“Power-Up Sequence – Configuration Options Flow Chart,” on page 32 contains more
details on the configuration options.
The SOC firmware supports a System Configuration phase at start-up. This consists of
five modes of execution:
1. Flash Detection
2. Flash-Config
3. Auto-Config
4. Host-Config
5. Change-Config (commences streaming - completes the System Configuration mode).
The System Configuration phase is entered immediately after the firmware initializes
following SOC power-up or reset. By default, the firmware first enters the Flash Detec-
tion mode
The Flash Detection mode attempts to detect the presence of an SPI Flash or EEPROM
device:
• If no device is detected, the firmware then samples the SPI_SDI pin state to determine
the next mode:
– If SPI_SDI == 0 then it enters the Host-Config mode.
– If SPI_SDI == 1 then it enters the Auto-Config mode.
• If a device is detected, the firmware switches to the Flash-Config mode.
In the Flash-Config phase, the firmware interrogates the device to determine if it
contains valid configuration records:
• If no records are detected, then the firmware enters the Auto-Config mode.
• If records are detected, the firmware processes them. By default, when all Flash
records are processed the firmware switches to the Host-Config mode. However, the
records encoded into the Flash can optionally be used to instruct the firmware to
proceed to one of the other mode (auto-config/change-config).
The Auto-Config mode uses the FRAME_VALID, LINE_VALUE, DOUT_LSB0 and
DOUT_LSB1 pins to configure the operation of the device, such as video format and
pedestal (see Table 16, “GPIO Bit Descriptions,” on page 33). After Auto-Config
completes the firmware switches to the Change-Config mode.
In the Host-Config mode, the firmware performs no configuration, and remains idle
waiting for configuration and commands from the host. The System Configuration
phase is effectively complete and the SOC will take no actions until the host issues
commands.
In the Change-Config mode, the firmware performs a 'Change-Config' operation. This
applies the current configuration settings to the SOC, and commences streaming. This
completes the System Configuration phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com