Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF98 Datasheet(PDF) 37 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 37 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 34Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 35Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 36Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 37Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 38Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 39Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 40Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 41Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 121 page
background image
Page 37
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Each time the RxDone interrupt is received, latch the RegFifoRxByteAddr[7:0] register content in a variable , this
variable will be called start_address. The RegFifoRxByteAddr[7:0] register of the RF96/97/98 gives in real time the
address of the last byte written in the data buffer + 1 (or the address at which the next byte will be written) by the
receive LoRa modem . So by doing this , we make sure that the variable start_address always contains the start
address of the next packet.
Upon reception of the interrupt ValidHeader, start polling the RegFifoRxByteAddr[7:0] register until it begins to
increment. The speed at which this register will increment depends on the Spreading factor, the error correction code
and the modulation bandwidth. (Note that this interrupt is still generated in implicit mode).
As soon as RegFifoRxByteAddr[7:0] >= start address + 4, the first 4 bytes (address) are stored in the FIFO data buffer.
These can be read and tested to see if the packet is destined for the radio and either remaining in Rx mode to receive
the packet or returning to sleep mode if not.
Receiver Timeout Operation
In either single or continuous LoRaTM reception modes, a receiver timeout functionality is available that permits the receiver
to listen for a pre-determined period of time before generating an interrupt signal to indicate that no valid packets have
been received. The timer is absolute and commences as soon as the radio is placed in either single or continuous receive
mode. The interrupt itself, RxTimeout, can be found in the interrupt register RegIrqFlags. In Rx Single mode, the device will
return in Stanby mode as soon as the interrupt occurs and the interrupt needs to be cleared before to return in Rx Single
mode. In Rx Continuous mode, the interrupt will interrupt will simply be raised but the device will stay in Rx Continous
mode. It is therefore the responsability on the controller to clear the interrupt while still in Rx Continuous mode. The
programmed timeout value is expressed as a multiple of the symbol period and is given by:
TimeOut = LoraRxTimeout
⋅ Ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com