Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RL201 Datasheet(PDF) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # RL201
Description  SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

RL201 Datasheet(HTML) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

  RL201 Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. RL201 Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plastic package Underwriters Laboratory
Plastic package Underwriters Laboratory
Flammability Classification 94-0
Flammability Classification 94-0
Construction plastic technique
molded plastic technique
Construction plastic technique
molded plastic technique
Low reverse leakage,hIgh efficiency
Low reverse leakage,hIgh efficiency
Case : JEDEC DO-15 molded plastic
Case : JEDEC DO-15 molded plastic
Teminals : Leads solderable per MIL-STD-750
Teminals : Leads solderable per MIL-STD-750
Method 2026
Method 2026
Polarity : As marked
Polarity : As marked
Mounting Postition : Any
Mounting Postition : Any
Mounting Torque 5 in - lbs.max
Mounting Torque 5 in - lbs.max
Weight : 0.08 ounce,2.24 grams
Weight : 0.08 ounce,2.24 grams
Llow forward voltage drop
Llow forward voltage drop
High temperature soldering guaranteed:
250
/10 seconds, 0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
High temperature soldering guaranteed:
250
/10 seconds, 0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
Typical thermal resistance
Typical thermal resistance
Typical junction capacitance
Typical junction capacitance
Operating junction and Storage temperature range
Operating junction and Storage temperature range
Characteristic
Characteristic
Maximum recurrent peak reverse voltage
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375"(9.5mm) lead length at
Maximum average forward rectified current
0.375"(9.5mm) lead length at
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC Method)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC Method)
Maximum instantaneous forward voltage
Maximum instantaneous forward voltage
Maximum DC reverse current
at rated DC blocking voltage
Maximum DC reverse current
at rated DC blocking voltage
IIFSM
FSM
V
VFF
IIRR
TTJ,
J,TTStg
Stg
R
R -JC
-JC
2.0
2.0
70.0
70.0
1.1
1.1
5.0
5.0
50.0
50.0
50.0
50.0
-65to+175
-65to+175
/W
/W
Amps
Amps
Amps
Amps
Units
Units
Volts
Volts
Volts
Volts
Volts
Volts
Volts
Volts
NOTES:
(1) Thermal resistance from junction to AMBIENT AT 0.375"(9.5MM) lead length,P.C.B. Mounted
(2) Measured at 1MHZ and applied reverse voltage of 4.0V D.C.
R
RL201
L201
R
R L207
L207
Ta=25
Ta=25
DO-15
DO-15
400
400
600
600
1000
1000
280
280
400
400
420
420
600
600
700
700
1000
1000
100
100
100
100
70
70
200
200
200
200
140
140
Symbol
Symbol
V
VDC
DC
V
VRRM
RRM
V
VRMS
RMS
50
50
50
50
35
35
RL
RL
201
201
SILICON RECTIFIER
SILICON RECTIFIER
RL
RL
202
202
RL
RL
203
203
RL
RL
205
205
RL
RL
204
204
RL
RL
206
206
RL
RL
207
207
560
560
800
800
800
800
C
C JJ
P
PFF
(NOTE1)
(NOTE1)
Ta=100
Ta=100
Tc=55
Tc=55
IF=2.0A
IF=2.0A
(NOTE2)
(NOTE2)
20.0
20.0


Similar Part No. - RL201

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL201 WINGS-RL201 Datasheet
251Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201 JGD-RL201 Datasheet
138Kb / 2P
2.0 AMPS. SILICON RECTIFIERS
More results

Similar Description - RL201

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
SILICON RECTIFIER
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
SILICON RECTIFIER
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
SILICON RECTIFIER
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
SILICON RECTIFIER
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C Datasheet
115Kb / 2P
SILICON RECTIFIER
logo
Guangdong Juxing Electr...
1N5400 JUXING-1N5400 Datasheet
5Mb / 2P
SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
Silicon Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com