Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RSP1_Eval-Kit Datasheet(PDF) 19 Page - RFbeam Microwave GmbH

Part # RSP1_Eval-Kit
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1_Eval-Kit Datasheet(HTML) 19 Page - RFbeam Microwave GmbH

Back Button RSP1_Eval-Kit Datasheet HTML 15Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 16Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 17Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 18Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 19Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 20Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 21Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 22Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 23Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
12 Electrical Data
12.1 Power Supply
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Digital supply voltage digital
Vcc
3.0
3.3
3.5
V
Analog supply voltage
AVcc
3.0
3.3
Vcc + 05. V
Digital supply current
IVcc
12
15
mA
Analog supply current
AIVcc
3
mA
12.2 Analog I/O
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
ADC Resolution
12
bit
Sampling rate
adjustable by parameter S03
1.280
22.528
kHz
Reference input voltage range
1.6
1.65
1.7
V
Reference input resistance
10
MΩ
Radar Input type
--
differential
--
--
Radar input sensitivity
Gain = 1, VREF = 1.65V
A1
860
µV/bit
Radar input sensitivity
Gain = 16, VREF = 1.65V
A16
54
µV/bit
Radar Input impedance
4
kΩ
Radar Input capacitance
10
pF
Potentiometer input impedance
100k
kΩ
Potentiometer input range
VREF = 1.65V
0
VREF
V
12.3 Digital I/O
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Input voltage high
VIH
2
VCC + 0.3V V
Input voltage low
VIL
-0.3
0.8
V
Input currents
IIH,
140
µA
Output current
IOH, IOL
-20
20
mA
Output voltage high
IOH = -8mA
VOH
2.6
2.9
V
Output voltage low
IOL = 10mA
VOL
0.4
0.76
V
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
19/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com