Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P0260ETFS Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P0260ETFS
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P0260ETFS Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  P0260ETFS Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P0260ETFS Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P0260ETFS Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P0260ETFS Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
REV 1.0
3
E-44-1
N-Channel Enhancement Mode
Field Effect Transistor
NIKO-SEM
P0260ETF:TO-220F
P0260ETFS:TO-220FS
Halogen-Free & Lead-Free
0
0.4
0.8
1.2
1.6
2
02
468
On-Resistance VS Gate-To-Source
On-Resistance VS Drain Current
ID , Drain-To-Source Current(A)
VGS, Gate-To-Source Voltage(V)
Output Characteristics
Transfer Characteristics
VGS, Gate-To-Source Voltage(V)
VDS, Drain-To-Source Voltage(V)
Capacitance Characteristic
VDS, Drain-To-Source Voltage(V)
Gate charge Characteristics
Qg , Total Gate Charge(nC)
25℃
125℃
3
3.2
3.4
3.6
3.8
4
0
0.2
0.4
0.6
0.8
1
VGS=10V
3
3.2
3.4
3.6
3.8
4
2
468
10
ID=1A
0
0.4
0.8
1.2
1.6
2
02468
VGS=10V
VGS=9V
VGS=8V
VGS=7V
VGS=6V
VGS=5V
VGS=4.5V
0
2
4
6
8
10
0
2468
10
12
VDS=480V
ID=2A
CRSS
0
100
200
300
400
500
600
0
5
10
15
20
25
COSS
CISS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com