Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25B127D Datasheet(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B127D
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B127D Datasheet(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25B127D Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
SPI NOR
Flash
17
Packages
SOP16 300mil WSON8 8x6mm TFBGA24 8x6mm (5x5 ball array)
SOP16 300mil WSON8 8x6mm TFBGA24 8x6mm (5x5 ball array)
SOP16 300mil WSON8 8x6mm TFBGA24 8x6mm (5x5 ball array)
SOP16 300mil WSON8 8x6mm TFBGA24 8x6mm (5x5 ball array)
SOP16 300mil WSON8 8x6mm TFBGA24 8x6mm (5x5 ball array)
SOP16 300mil WSON8 8x6mm TFBGA24 8x6mm (5x5 ball array)
SOP16 300mil WSON8 8x6mm TFBGA24 8x6mm (5x5 ball array)
SOP8 208mil VSOP8 208mil SOP16 300mil DIP8 300mil WSON8 6x5mm WSON8 8x6mm TFBGA24 8x6mm (6x4 ball array)
SOP8 208mil VSOP8 208mil SOP16 300mil DIP8 300mil WSON8 6x5mm WSON8 8x6mm TFBGA24 8x6mm (6x4 ball array)
SOP8 208mil VSOP8 208mil SOP16 300mil DIP8 300mil WSON8 6x5mm WSON8 8x6mm TFBGA24 8x6mm (6x4 ball array)
SOP8 208mil SOP16 300mil DIP8 300mil USON8 4x4mm (0.45mm) WSON8 6x5mm WSON8 8x6mm
TFBGA24 8x6mm (6x4 ball array)
SOP8 208mil SOP16 300mil WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 208mil DIP8 300mil USON8 3x3mm USON8 3x4mm WSON8 6x5mm
TFBGA24 8x6mm (5x5 ball array) TFBGA24 8x6mm (6x4 ball array)
SOP8 208mil DIP8 300mil WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 208mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm USON8 4x4mm (0.45mm)
WSON8 6x5mm TFBGA24 8x6mm (6x4 ball array)
SOP8 208mil USON8 3x2mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 208mil VSOP8 208mil SOP16 300mil DIP8 300mil WSON8 6x5mm WSON8 8x6mm TFBGA24 8x6mm (6x4 ball array)
SOP8 208mil SOP16 300mil DIP8 300mil USON8 4x4mm (0.45mm) WSON8 6x5mm WSON8 8x6mm
TFBGA24 8x6mm (6x4 ball array)
SOP8 208mil SOP16 300mil DIP8 300mil USON8 4x4mm (0.45mm) WSON8 6x5mm WSON8 8x6mm
TFBGA24 8x6mm (6x4 ball array)
SOP8 150mil SOP8 208mil VSOP8 208mil DIP8 300mil USON8 3x3mm USON8 3x4mm WSON8 6x5mm
TFBGA24 8x6mm (5x5 ball array) TFBGA24 8x6mm (6x4 ball array)
SOP8 150mil SOP8 208mil VSOP8 208mil DIP8 300mil USON8 3x3mm USON8 3x4mm WSON8 6x5mm
TFBGA24 8x6mm (5x5 ball array) TFBGA24 8x6mm (6x4 ball array)
SOP8 150mil SOP8 208mil VSOP8 208mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm USON8 4x4mm (0.45mm)
WSON8 6x5mm TFBGA24 8x6mm (5x5 ball array) TFBGA24 8x6mm (6x4 ball array)
SOP8 150mil SOP8 208mil VSOP8 208mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm USON8 4x4mm (0.45mm)
WSON8 6x5mm TFBGA24 8x6mm (5x5 ball array) TFBGA24 8x6mm (6x4 ball array)
SOP8 150mil SOP8 208mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm
SOP8 150mil SOP8 208mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm
SOP8 150mil SOP8 208mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm
SOP8 150mil SOP8 208mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm
SOP8 150mil SOP8 208mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 3x4mm
SOP16 300mil WSON8 6x5mm WSON8 8x6mm
SOP16 300mil WSON8 6x5mm WSON8 8x6mm
SOP16 300mil WSON8 6x5mm WSON8 8x6mm
SOP8 208mil VSOP8 208mil WSON8 6x5mm WSON8 8x6mm
SOP8 208mil VSOP8 208mil WSON8 6x5mm WSON8 8x6mm WLCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com