Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLDH-12-S-1-R-C Datasheet(PDF) 1 Page - Ningbo songle relay co.,ltd

Part # SLDH-12-S-1-R-C
Description  70A switching capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SLDH-12-S-1-R-C Datasheet(HTML) 1 Page - Ningbo songle relay co.,ltd

  SLDH-12-S-1-R-C Datasheet HTML 1Page - Ningbo songle relay co.,ltd SLDH-12-S-1-R-C Datasheet HTML 2Page - Ningbo songle relay co.,ltd SLDH-12-S-1-R-C Datasheet HTML 3Page - Ningbo songle relay co.,ltd SLDH-12-S-1-R-C Datasheet HTML 4Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A /C
≤200mV
Silver alloy:
AgCdO、AgSnO2、AgNi
50A/70A 14VDC
50VDC
70A (Resistive 14VDC)
1A 6VDC
1x10 ops
1x10
ops
5
7
SLDH-12-S-1- R-C
Class B / Class F
100MΩ(500VDC)
550VAC 1minute
550VAC 1minute
≤
10ms
≤
10ms
85% RH(20℃)
-40℃~+125℃
98m/s²
980m/s²
10Hz~55Hz 1.5mm
Approx 40g
ustproof and Sealed type
D
12
12
24
24
24
24
90
90
360
360
320
320
680
2700
2700
70%Max 10%Min
130%
50A/70A
/ 24VDC
12VDC
A / C
1. 6
1. 8
1. 6
1. 8
1. 8
2
28.5MAX
28
.5
M
A
X
W
VDC
Ω
±10%
Ω
Ordering Information
Contact Rating
SLDH Series
Features
·70A switching capability
·Extended temp.range upto 125℃
·Variety of installations
·Dustproof and sealed type
R:resistor/D:diode
without parallel components
Without:
Contact arrangment
coil components
Parallel
Version
S sealed / F dustproof
Construction
Coil Voltage
Part number
Contact arrangment
endurance
Voltage drop
Contact material
Contact rating
Max switching voltage
Max switching current
Min contact load
Electrical endurance
(frequency: 900 ops/h)
(frequency: 18000 ops/h)
Mechanical
Characteristics
Coil Data
(
20℃)
at
Insulation resistance
Dielectric
Strength
Between contacts
and coil
Between open
contacts
Operate time(Under nominal voltage)
Release time(Under nominal voltage)
Humidity
Ambient Temperature
Shock
resistance
Functional
Destructive
Vibration resistance
( Double amplitude)
Weight
Construction
Insulation system
Remark:1)All above data is initial value
Voltage
Current Resistance
Power
dissipation
Max
allowable
Pick-up
Drop-out
voltage
voltage
This product specification only for your reference, we will not notify you if
we do any improvement.We reserve all the right for the final explanation
1.PCB type
2.Plastic bracket, QC terminal
3.Metal
,
Without:
bracket QC terminal
QC terminal
AUTOMOTIVE RELAY
Tel.:
+86 574 62717777
62762658
62721968
ax
F
:+86 574 62721978
Web:www.songle.com
www.songlerelay.com
Email:sale@songle.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
ip Code
Z
:315400
Web:www.songle.com
www.songlerelay.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
Zip Code:315400


Similar Part No. - SLDH-12-S-1-R-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLD LITTELFUSE-SLD Datasheet
916Kb / 5P
The AEC-Q101 qualified SLD Series is packaged in a highly reliable industry standard P600 axial leaded package and is designed to provide precision overvoltage protection for sensitive electronics
logo
Automatic Timing & Cont...
SLD ATC-SLD Datasheet
489Kb / 1P
Phase & Under Voltage Monitor
logo
Novaris
SLD NOVARIS-SLD Datasheet
557Kb / 2P
SLD - Signal Line Protectors
logo
SIRENZA MICRODEVICES
SLD-1000 SIRENZA-SLD-1000 Datasheet
332Kb / 5P
4 Watt Discrete LDMOS FET-Bare Die
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
3 Watt Discrete LDMOS Device Plastic Surface Mount Package
More results

Similar Description - SLDH-12-S-1-R-C

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE20 HONGFA-HFE20_17 Datasheet
90Kb / 7P
16A switching capability
HF165FD-G HONGFA-HF165FD-G_17 Datasheet
59Kb / 3P
40A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-3FF TIANBO-HJR-3FF Datasheet
528Kb / 3P
10A switching capability
logo
Ningbo songle relay co....
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
35A switching capability
SLMA SONGLERELAY-SLMA Datasheet
3Mb / 2P
35A switching capability
SLR SONGLERELAY-SLR Datasheet
3Mb / 2P
30A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
12A switching capability
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
10A switching capability
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
16A switching capability
TRKF TIANBO-TRKF Datasheet
1,004Kb / 3P
15A switching capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com