Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC2712 Datasheet(PDF) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

Part # 2SC2712
Description  Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHENZHENSLS [SHENZHEN SLS TECHNOLOGY CO.,LTD.]
Direct Link  http://www.sls-semicon.com/
Logo SHENZHENSLS - SHENZHEN SLS TECHNOLOGY CO.,LTD.

2SC2712 Datasheet(HTML) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

  2SC2712 Datasheet HTML 1Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. 2SC2712 Datasheet HTML 2Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. 2SC2712 Datasheet HTML 3Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SLS SEMICONDUCTOR (SHENZHEN) CO.,LTD.
SOT-23 封装半导体晶体管/SOT-23 Plastic-Encapsulate Transistors
2SC2712( NPN )
特点/Features:
噪声低,放大线性好;
用途/Applications:
用于一般放大。
极限参数/Absolute maximum ratings(Ta=25℃)
参数/Parameter
符号/ Symbol
数值/Value
单位/Unit
集电极-基极电压/Collector-Base Voltage
V
CBO
60
V
集电极-发射极电压/Collector-Emitter Voltage
V
CEO
50
V
发射极-基极电压/Emitter-Base Voltage
V
EBO
5
V
集电极连续电流/Collector Current Continuous
I
C
0.15
A
集电极耗散功率/Collector Power Dissipation
P
C
0.15
W
结温/Junction Temperature
Tj
150
℃
储存温度/Storage Temperature
Tstg
-55~150
℃
电性能参数/Electrical characteristics (Ta=25℃)
参数
符号
测试条件
最小值
典型值
最大值
单位
集电极-基极击穿电压
V
BR(CBO)
I
C=100μA,IE=0
60
V
集电极-发射极击穿电压
V
BR(CEO)
I
C=1mA,IB=0
50
V
发射极-基极击穿电压
V
BR(EBO)
I
E=100μA,IC=0
5
V
集电极截止电流
I
CBO
V
CB=60V,IE=0
0.1
μA
发射极截止电流
I
EBO
V
EB=5V,IC=0
0.1
μA
直流电流增益
h
FE
V
CE=6V,IC=2mA
70
700
集电极-发射极饱和压降
V
CE(sat)
I
C=100mA,IB=10mA
0.1
0.25
V
特征频率
f
T
V
CE=10V,IC=1mA
80
MHz
输出电容
C
ob
V
CB=10 V,IE=0,f=1MHz
2.0
3.5
pF
噪声系数
NF
V
CE=6V,IC=0.1mA,f=1kHz,
Rg=10KΩ
1.0
10
dB
Marking And hFE 分档/Classification of hFE
档位/Rank
O
Y
GR
BL
范围/Range
70~140
120~240
200~400
350~700
印章/Marking
LO
LY
LG
LL


Similar Part No. - 2SC2712

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2712 TOSHIBA-2SC2712 Datasheet
210Kb / 3P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLFIER APPLICATIONS)
10-Apr-1997
logo
Weitron Technology
2SC2712 WEITRON-2SC2712 Datasheet
338Kb / 5P
Silicon NPN Transistors
logo
Unisonic Technologies
2SC2712 UTC-2SC2712 Datasheet
113Kb / 4P
AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
logo
Toshiba Semiconductor
2SC2712 TOSHIBA-2SC2712 Datasheet
624Kb / 5P
Silicon NPN Epitaxial Type (PCT process)
logo
Galaxy Semi-Conductor H...
2SC2712 BILIN-2SC2712 Datasheet
173Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2SC2712

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com