Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TM1808 Datasheet(PDF) 3 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1808
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1808 Datasheet(HTML) 3 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM1808 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1808 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1808 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1808 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1808 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1808 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1808 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1808 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1808 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©Titan Micro Electronics
www.titanmec.com
Ver1.2
3
12 通道 LED驱动IC
TM1808
管脚功能
端口
名称
管脚
I/O
功能描述
VDD24V
1
I
内置24V稳压管,需外接电阻和电容
GND
2
--
系统地
VDD
15
--
芯片电源输入,内置5V稳压管
SET
16
I
PWM速度控制。悬空:正常速度。接地:正常速度慢50%±7%。接VDD:
正常速度快20%±7%
OUT0
3
O
16级PWM输出端
OUT1
4
O
16级PWM输出端
OUT2
5
O
16级PWM输出端
OUT3
8
O
16级PWM输出端
OUT4
7
O
16级PWM输出端
OUT5
6
O
16级PWM输出端
OUT6
9
O
16级PWM输出端
OUT7
10
O
16级PWM输出端
OUT8
11
O
16级PWM输出端
OUT9
12
O
16级PWM输出端
OUT10
13
O
16级PWM输出端
OUT11
14
O
16级PWM输出端
在干燥季节或者干燥使用环境内,容易产生大量静电,静电放电可能会损坏集成电
路,天微电子建议采取一切适当的集成电路预防处理措施,不正当的操作和焊
接,可能会造成 ESD 损坏或者性能下降, 芯片无法正常工作。



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com