Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPAT0303A Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPAT0303A
Description  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT0303A Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPAT0303A Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT0303A Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT0303A Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT0303A Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPAT Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION
:
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many
applications where noise reduction, voltage isolation, voltage conversion in distributed power systems
is required. these converters are qualified for the higher temperatures requested by lead-free reflow
solder processes, especially for automated SMD production lines.
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPAT0303
3.3
±3.3
±152/±15.2
70
TPAT0305
3.3
±5
±100/±10
70
TPAT0309
3.3
±9
±55/±5.5
72
TPAT0312
3.3
±12
±42/±4.2
75
TPAT0315
3.3
±15
±33/±3.3
80
TPAT0503
5
±3.3
±152/±15.2
70
TPAT0505
5
±5
±100/±10
70
TPAT0509
5
±9
±55/±5.5
72
TPAT0512
5
±12
±42/±4.2
75
TPAT0515
5
±15
±33/±3.3
80
TPAT1203
12
±3.3
±152/±15.2
70
TPAT1205
12
±5
±100/±10
70
TPAT1209
12
±9
±55/±5.5
76
TPAT1212
12
±12
±42/±4.2
75
TPAT1215
12
±15
±33/±3.3
80
TPAT1515
15
±15
±33/±3.3
80
TPAT0303A
3.3
3.3
303/30.3
70
TPAT0305A
3.3
5
201/20.1
70
TPAT0309A
3.3
9
111/11.1
72
TPAT0312A
3.3
12
83/8.3
75
TPAT0315A
3.3
15
67/6.7
80
TPAT0503A
5
3.3
303/30.3
70
TPAT0505A
5
5
201/20.1
70
TPAT0509A
5
9
111/11.1
72
TPAT0512A
5
12
83/8.3
75
TPAT0515A
5
15
67/6.7
80
TPAT1203A
12
3.3
303/30.3
70
TPAT1205A
12
5
201/20.1
70
TPAT1209A
12
9
111/11.1
26
TPAT1212A
12
12
83/8.3
75
TPAT1215A
12
15
67/6.7
80
TPAT1515A
15
15
67/6.7
80
Add suffix “P” for continuous short circuit protection, for example TPAT0505P. Add suffix “X” has not 5,10,14,16 pin, for example TPAT0505X.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5
5.5
V
Voltage range
12V input variants
11
12
13.3
V
Voltage range
15V input variants
13.4
15
16.4
V
Reflected ripple current
40
50
mA p-p
FEATURES
RoHS compliant
Efficiency up to 80%
Operating temperature: -40
℃to 105℃
CE certification
Footprint over pins 1.64cm
2
Power density 1.36W/cm
3
Input voltage: 3.3V, 5V, 12V,15V
Output voltage:
±3.3V, ±5V, ±9V, ±12V,±15V/ 3.3V, 5V, 9V,12V,15V
UL 94V-0 package material
3KVDC isolation
Custom solutions available
/
TOPPOWER


Similar Part No. - TPAT0303A

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPAT0303A TOPPOWER-TPAT0303A Datasheet
435Kb / 4P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPAT0303A-2W TOPPOWER-TPAT0303A-2W Datasheet
1Mb / 4P
2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT0303A-2W TOPPOWER-TPAT0303A-2W Datasheet
772Kb / 4P
2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT0303A-W5 TOPPOWER-TPAT0303A-W5 Datasheet
772Kb / 4P
0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT0303A-W5 TOPPOWER-TPAT0303A-W5 Datasheet
833Kb / 4P
0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPAT0303A

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPA-1W TOPPOWER-TPA-1W Datasheet
409Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1-5V TOPPOWER-TPA1-5V Datasheet
643Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V Datasheet
647Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V_19 Datasheet
709Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V01 Datasheet
788Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V02 Datasheet
863Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPATXXX TOPPOWER-TPATXXX Datasheet
262Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com