Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLR-12VDC-R-C Datasheet(PDF) 1 Page - Ningbo songle relay co.,ltd

Part # SLR-12VDC-R-C
Description  30A switching capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SLR-12VDC-R-C Datasheet(HTML) 1 Page - Ningbo songle relay co.,ltd

  SLR-12VDC-R-C Datasheet HTML 1Page - Ningbo songle relay co.,ltd SLR-12VDC-R-C Datasheet HTML 2Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A /C
≤200mV
Silver alloy:
AgCdO、AgSnO2、AgNi
20A/30A 14VDC
30VDC
35A (Resistive 14VDC)
1A 6VDC
1x10 ops
1x10
ops
5
7
SLR-12- R-C
Class B / Class F
100MΩ(500VDC)
550VAC 1minute
550VAC 1minute
≤
10ms
≤
10ms
85% RH(20℃)
-40℃~+125℃
98m/s²
980m/s²
5Hz~22.3Hz 10mm
Approx 22g
Sealed
12
12
24
24
96
96
384
384
680
2700
70%Max 10%Min
130%
20A/30A
/ 24VDC
12VDC
A/C
1. 5
1. 7
1. 5
1. 7
W
VDC
Ω
±10%
Ω
22.8M
AX
15.3
MAX
SLR Series
Features
Ordering Information
Contact Rating
Characteristics
Coil Data
(
20℃)
at
Contact arrangment
endurance
Voltage drop
Contact material
Contact rating
Max switching voltage
Max switching current
Min contact load
Electrical endurance
(frequency: 900 ops/h)
(frequency: 18000 ops/h)
Mechanical
Part number
Coil Voltage
Contact arrangment
R:resistor/D:diode
without parallel components
Without:
coil components
Parallel
Insulation resistance
Dielectric
Strength
Between contacts
and coil
Between open
contacts
Operate time(Under nominal voltage)
Release time(Under nominal voltage)
Humidity
Ambient Temperature
Shock
resistance
Functional
Destructive
Vibration resistance
( Double amplitude)
Weight
Construction
Insulation system
Remark:1)All above data is initial value
Voltage
Current Resistance
Power
dissipation
Max
allowable
Pick-up
Drop-out
voltage
voltage
This product specification only for your reference, we will not notify you if
we do any improvement.We reserve all the right for the final explanation
·30A switching capability
·Extended temp.range upto 125℃
·NO type and CO type are avaliable
·2.8mm QC terminals
AUTOMOTIVE RELAY
Tel.:
+86 574 62717777
62762658
62721968
ax
F
:+86 574 62721978
Web:www.songle.com
www.songlerelay.com
Email:sale@songle.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
ip Code
Z
:315400
Web:www.songle.com
www.songlerelay.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
Zip Code:315400


Similar Part No. - SLR-12VDC-R-C

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
More results

Similar Description - SLR-12VDC-R-C

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF165FD-G HONGFA-HF165FD-G_17 Datasheet
59Kb / 3P
40A switching capability
HF165FD HONGFA-HF165FD_17 Datasheet
84Kb / 4P
30A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-3FF TIANBO-HJR-3FF Datasheet
528Kb / 3P
10A switching capability
logo
Ningbo songle relay co....
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
35A switching capability
SLND SONGLERELAY-SLND Datasheet
3Mb / 2P
30A switching capability
SLNE SONGLERELAY-SLNE Datasheet
6Mb / 3P
30A switching capability
logo
Ningbo Tianbo Ganglian ...
HJQ-15F TIANBO-HJQ-15F Datasheet
1Mb / 3P
30A switching capability
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
12A switching capability
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
10A switching capability
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
16A switching capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com