Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6C671F Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C671F
Description  Clock Generator for Pentium Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C671F Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C671F Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
396
PS8137A
03/15/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C671F
Clock Generator for Pentium Modules
Byte 7: Frequency Control
2
L
E
S
F1
L
E
S
F0
L
E
S
Fy
c
n
e
u
q
e
r
F
00
0
)
d
e
v
r
e
s
e
R
(
00
1
)
d
e
v
r
e
s
e
R
(
01
0
)
d
e
v
r
e
s
e
R
(
01
1
z
H
M
3
3
10
0
z
H
M
0
5
10
1
z
H
M
5
5
11
0
z
H
M
0
6
11
1
n
i
p
#
0
6
/
6
6
L
E
S
m
o
r
F
t
i
Bp
u
r
e
w
o
P
@n
o
i
t
p
i
r
c
s
e
D
7X
)
d
e
v
r
e
s
e
R
(
6X
)
d
e
v
r
e
s
e
R
(
5X
)
d
e
v
r
e
s
e
R
(
4X
)
d
e
v
r
e
s
e
R
(
3X
)
d
e
v
r
e
s
e
R
(
21
2
L
E
S
F
11
1
L
E
S
F
01
0
L
E
S
F
DC Specifications
Absolute Maximum DC Power Supply
l
o
b
m
y
Se
g
a
t
l
o
V
y
l
p
p
u
S.
n
i
M.
x
a
Ms
t
i
n
U
V
3
Q
D
D
O
/
I
&
e
r
o
C
V
3
.
35
.
0
-6
.
4
V
V D
D
e
r
o
C
V
3
.
35
.
0
-6
.
4
V
2
Q
D
D
O
/
I
V
3
.
3
/
5
.
25
.
0
-6
.
4
V
1
Q
D
D
O
/
I
V
3
.
3
/
5
.
25
.
0
-6
.
4
DC Operating Requirements
(VDD, VDDQ3=3.3V ±5%, VDDQ2=2.5V ±5%, TA=0 to 70°C)
Note: Typical values are at room temperature
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V
2
H
O
t
u
p
t
u
O
V
5
.
2
e
g
a
t
l
o
V
h
g
i
H
I H
O
A
m
1
-
=1
.
2
V
V
3
H
O
t
u
p
t
u
O
V
3
.
3
e
g
a
t
l
o
V
h
g
i
H
I H
O
A
m
1
-
=4
.
2
V
2
L
O
t
u
p
t
u
O
V
5
.
2
e
g
a
t
l
o
V
w
o
L
I L
O
A
m
1
=4
.
0
V
3
L
O
t
u
p
t
u
O
V
3
.
3
e
g
a
t
l
o
V
w
o
L
I L
O
A
m
1
=4
.
0
I D
D
c
i
m
a
n
y
D
y
l
p
p
u
S
t
n
e
r
r
u
C
z
H
M
6
6
d
e
d
a
o
l
n
U
s
t
u
p
t
u
O
5
50
7A
m
I D
P
n
w
o
D
r
e
w
o
P
y
l
p
p
u
S
t
n
e
r
r
u
C
0
=
#
N
W
D
_
R
W
P
t
a
o
l
F
=
E
D
O
M
)
h
g
i
h
(
4
10
2
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com