Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

N/A Datasheet(PDF) 3 Page - Qorvo, Inc

Part # N/A
Description  75 25 dB CATV Amplifier (47 ??1218 MHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

N/A Datasheet(HTML) 3 Page - Qorvo, Inc

  N/A Datasheet HTML 1Page - Qorvo, Inc N/A Datasheet HTML 2Page - Qorvo, Inc N/A Datasheet HTML 3Page - Qorvo, Inc N/A Datasheet HTML 4Page - Qorvo, Inc N/A Datasheet HTML 5Page - Qorvo, Inc N/A Datasheet HTML 6Page - Qorvo, Inc N/A Datasheet HTML 7Page - Qorvo, Inc N/A Datasheet HTML 8Page - Qorvo, Inc N/A Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
QPB7425
75 Ω 25 dB CATV Amplifier (47 – 1218 MHz)
Data Sheet
–Rev C, November 5, 2018 | Subject to change without notice
- 3 of 24 -
www.qorvo.com
®
Electrical Specifications
– 5V
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Voltage (VDD)
5
V
Supply Current (IDD)
55
mA
Frequency Range
47
1218
MHz
Gain
25
dB
Gain Slope
0.5
dB
Reverse Isolation
26.4
dB
Input Return Loss
20
dB
Output Return Loss
17
dB
Noise Figure
1.1
dB
CSO
21
 dBmV / ch output, 80 NTSC + 108 QAM, flat
59
dBc
CTB
21 dBmV / ch output, 80 NTSC + 108 QAM, flat
75
dBc
CCN
21 dBmV / ch output, 80 NTSC + 108 QAM, flat
52
dB
OIP2L
7
 dBm / tone output
44
dBm
OIP2H
7 dBm / tone output
41
dBm
OIP3
7 dBm / tone output
37
dBm
OP1dB
20.6
dBm
Thermal Resistance
ΘJC
35
˚C/W
Notes:
1.
Typical performance at these conditions: Temp = +25
 °C, V
DD = +5 V, 75 Ω system, Full band unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com