Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS91M68 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS91M68
Description  8-bit MCU with 1k program ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS91M68 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS91M68 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
FS91M68
1.
General Description
The FS91M68 is a 8-bit high performance and cost-efficient microcontroller with one R2F module and 3×13
LCD driver. The device is suited for use in low power LCD applications such as: thermometers etc.
2.
Features
8-bit microcontroller.
Embedded 1k-word ROM and 64-byte RAM.
1.5V battery operation, with about 40μA (Typ.) operation current, and 0.2μA (Typ.) sleep mode current.
One R2F (Resistance to Frequency) conversion module for sensor and reference resistors.
One high-speed comparator and one 16-bit counter with programmable gate time select.
Build-in voltage doubler for 1/3 duty, 1/2 bias 3×13 LCD driver.
Input port:4-bit; In / Out port:4-bit
Two buzzer outputs.
Build in low battery detector (LVD).
Package:Dice form (36 pins), 44-pin LQFP.
3.
Applications
Clinical thermometer.
R/C Type Sensor Measurement.
4.
Ordering Information
Product Number
Package Type
FS91M68-nnnV
Dice form of 36 pin
FS91M68-nnnV-PCD
44 pin QFP
Note1: Code number ”nnnV” is assigned for customer; ”nnn” = 001~999; ”V” means Version = A~Z.
Rev. 1.3
4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com