Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS970X Datasheet(PDF) 35 Page - Fortune Semiconductor Corp.

Part # FS970X
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS970X Datasheet(HTML) 35 Page - Fortune Semiconductor Corp.

Back Button FS970X Datasheet HTML 31Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 32Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 33Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 34Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 35Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 36Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 37Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 38Page - Fortune Semiconductor Corp. FS970X Datasheet HTML 39Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
FS970X
Rev. 4.4
35/46
The interrupt process
The measurements can be read by the microprocessor interface are high-resolution output of ADC, the low
resolution output of ADC, positive-negative peak-hold value, the output of frequency counter…etc. In any of
the registers, each new value means new “event”. The chip, thru its IRQO pin, will send an interrupt signal to
the microprocessor and request to process.
When microprocessor received an interrupt signal of negative-end trigger; means that some measuring
registers in 970x chip has detected a new value. The microprocessor will then read the interrupt status register
(
INTSTA), checking where the interrupt comes from. Chart 20 shows the corresponding event for each bit in
the INSTA. The INTEN in Chart 20 controls whether a measuring event interrupt will occur.
INSTA
INSTA<3>
INSTA<2>
INSTA<1>
INSTA<0>
Event Frequency counter
output
+/- peak-hold value
Low-resolution
ADC
High-resolution
ADC
INTEN
INTEN<3>
INTEN<2>
INTEN<1>
INTEN<0>
Function
Corresponding
IRQO enable
Corresponding
IRQO enable
Corresponding
IRQO enable
Corresponding
IRQO enable
Chart
20. Interrupt status registers.
When microprocessor reads the register again, the interrupt bit will be reset to 0, and waiting for the new
measurement to generate the interrupt again.
The interrupt status register INSTA<3:0> is a read-only register. The interrupt enable register INTEN<3:0> is a
read/write register. The read/write sequences of both registers are the same as control register, as shown in
Graph 15.
The flow-Chart of interrupt process are as follows:
1)
When there’s a new
value shown in the enable register, then set IRQO equal to 0, and keep it to
0.
2)
When microprocessor receive this negative-end trigger, then read the interrupt status register.
3)
After reading the status register, IRQO will be pulled back to1.
4)
Check if the IRQO was pulled back to 1. If not, it means that it didn’t catch a negative end; then,
it should read the interrupt status one more time.
When reading the instruction period of the interrupt register; the negative-end of the new interrupt might be lost.
Therefore, by adding Step 4) will improve this problem.
In addition, whether the value of the interrupt status register has been updated in independent from interrupt
enable register. That is to say, the interrupt enable register only affects IRQO output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com