Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS9721_LP3-PCE Datasheet(PDF) 37 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3-PCE
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3-PCE Datasheet(HTML) 37 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3-PCE Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 39Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
FS9721_LP3
Rev. 2.1
37/39
17.2.10To input (40mV~400mV), the conditions are (TSTB=0) & (J3,J8 Open)
Ex:(MEAS=1100) & (Input:ADP2,COM)
Input Voltage
LCD Display (µA)
4.0mV
40.0
40.0mV
0400
400.0mV
4000
17.2.11W2-DIP2: (If switch SW to ON, it is Low Level)
ADPC1
Function mode (MEAS
0 0 D1 D0)
1
Input (40mV~400mV)
0
Input (4mV~40mV)
ADPC2
Function mode (MEAS
0 0 D1 D0)
1
DC measurement
0
AC measurement
17.2.12W3-DIP2: (If switch SW to ON, it is Low Level) * Pin2 Don’t care
1 Pin
Function
1 Pin = 1
RS232 mode off
1 Pin = 0
RS232 mode on
17.2.13FS9721_LP3 Measurement Mode Select:
MEA
4
MEA
3
MEA
2
MEA
1
Mode
Select (1
0
1)
Hz/duty (1
0
1)
1
1
1
1
DC/AC Voltage
(including DC mV mode)
DC / AC Switch
Hz/Duty/Voltage
Switch
1
1
0
1
Ohm/Diode/Cont./CAP
CAP=1:
Ohm/Diode/Cont.
Switch
CAP=0:
Ohm/Diode/Cont./C
AP Switch
1
0
1
0
DC Voltage
(no
DC
mV
voltage
mode)
Hz/Duty/Voltage
Switch
1
0
0
1
AC Voltage
Hz/Duty/Voltage
Switch
1
0
1
1
DC mVmode
Hz/Duty/Current
Switch
1
0
0
0
10A *4
AC/DC Switch
Hz/Duty/
Current
Switch
1
1
1
0
mA *4
AC/DC Switch
Hz/Duty/
Current
Switch
1
1
0
0
µA *4
AC/DC Switch
0
1
1
1
Capacitance Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com