Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AH496B Datasheet(PDF) 2 Page - NANJING AH ELECTRONICS CO., LTD

Part # AH496B
Description  Linear Hall Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AHNJ [NANJING AH ELECTRONICS CO., LTD]
Direct Link  https://www.ahest.net/
Logo AHNJ - NANJING AH ELECTRONICS CO., LTD

AH496B Datasheet(HTML) 2 Page - NANJING AH ELECTRONICS CO., LTD

  AH496B Datasheet HTML 1Page - NANJING AH ELECTRONICS CO., LTD AH496B Datasheet HTML 2Page - NANJING AH ELECTRONICS CO., LTD AH496B Datasheet HTML 3Page - NANJING AH ELECTRONICS CO., LTD AH496B Datasheet HTML 4Page - NANJING AH ELECTRONICS CO., LTD AH496B Datasheet HTML 5Page - NANJING AH ELECTRONICS CO., LTD AH496B Datasheet HTML 6Page - NANJING AH ELECTRONICS CO., LTD AH496B Datasheet HTML 7Page - NANJING AH ELECTRONICS CO., LTD AH496B Datasheet HTML 8Page - NANJING AH ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Linear Hall Sensor AH496B
2 / 8
南京艾驰电子科技有限公司 NANJING AH ELECTRONIC SCIENCE & TECHNOLOGY CO.,LTD
ADD:南京市江宁区东麒路 33 号国际研发园 B 幢 202-2 室 Room 202-2, Bldg B, 33, Dongqi Road, Nanjing, 211103
TEL:86-25-84670370
FAX:86-25-84609021
E-mail:nianrong@ahest.com
Web: www.ahest.com
◆ Features
 Rated working voltage 4.5 V ~ 10 V,
 Operating temperature range: -40℃ ~ 125℃;
 Rail to Rail voltage output, Rated output current : 6 mA,
 Variety of package forms and outer packings for your choice.
 No mechanical contact, no spark, switch signal stability, no shaking moment, high
reliability and safety;
 Products meet the EU RoHS instruction 2011/65 / EU and REACH regulations
1907/2006 / EU requirements



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com