Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

175-4621 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 175-4621
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4621 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 175-4621 Datasheet HTML 20Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 21Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 22Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 23Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 24Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 25Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 26Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 27Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
3/4”
7/8”
1”
1-1/4”
1-1/2”
SHANK DIA.
SHANK DIA.
SHANK DIA.
SHANK DIA.
SHANK DIA.
Descrip-
Part
Descrip-
Part
Descrip-
Part
Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
tion
No.
tion
No.
tion
No.
4RW
30°
ON-754-230
335-1300
ON-874-230
335-1400*
ON-14-230
335-1000
ON-1254-230
335-1100
ON-154-230
335-1200*
4RW
90°
ON-754-290
335-1310*
ON-874-290
335-1410*
ON-14-290
335-1010
ON-1254-290
335-1110
ON-154-290
335-1210*
5RW
30°
ON-755-230
335-1350*
ON-875-230
335-1450*
ON-15-230
335-1050
ON-1255-230
335-1150
ON-155-230
335-1250*
5RW
90°
ON-755-290
335-1360*
ON-875-290
335-1460*
ON-15-290
335-1060
ON-1255-290
335-1160
ON-155-290
335-1260
4RW
30°
ON-754-430
335-1320*
ON-874-430
335-1420*
ON-14-430
335-1020
ON-1254-430
335-1120
ON-154-430
335-1220*
4RW
90°
ON-754-490
335-1330*
ON-874-490
335-1430*
ON-14-490
335-1030
ON-1254-490
335-1130
ON-154-490
335-1230*
5RW
30°
ON-755-430
335-1370*
ON-875-430
335-1470*
ON-15-430
335-1070
ON-1255-430
335-1170
ON-155-430
335-1270
5RW
90°
ON-755-490
335-1380*
ON-875-490
335-1480*
ON-15-490
335-1080
ON-1255-490
335-1180
ON-155-490
335-1280
TWO-INCH OFFSET HOLDERS
Figure 1: An offset holder over a
low-profile paddle-type holder
that works in confined spaces.
Figure 2: An offset holder with
bent tip is used to weld close to
the corner of a box section.
Figure 3: A universal holder
(economical because it adjusts
to many jobs) over a close-
coupled holder.
Figure 4: A platen set-up using
platen-mounted standard tips
under an Equa-Press dual holder.
STANDARD OFFSET HOLDERS
TUFFALOY Cast Class 3 Alloy offset holders
combine long life with good conductivity. Threaded
tip adapters are easily replaced when tip socket is
worn beyond use, or when you wish to change to a
different taper size.
TUFFALOY offset holders are made in 2- and
4-inch offsets, and in four shank sizes, with 90’
and 30* heads. They are supplied with adapters
for No. 4 or No. 5 RW taper tips.
Tip Ejector mechanisms are available on all 90*
head holders and the 30’ head 4-in. offset holders.
When ordering this feature change order number
prefix from ‘ON’ to ‘OE’. Example: OE-874-290.
*May not be in stock
OFFSET 2 OR 4
2
(MAX.)
30
°
Socket
Angle
Adapter
Tip
Socket
FOUR-INCH OFFSET HOLDERS
USING STANDARD HOLDERS
HEAD HEIGHT 2 1/4” ON
EJECTOR-TYPE MODEL
ADAPTERS SUPPLIED:
4RW: AD-584
5RW: AD-585
23
TUFFALOY
standard offset holders



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com