Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42406-CQZ Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS42406-CQZ
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406-CQZ Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS42406-CQZ Datasheet HTML 42Page - Cirrus Logic CS42406-CQZ Datasheet HTML 43Page - Cirrus Logic CS42406-CQZ Datasheet HTML 44Page - Cirrus Logic CS42406-CQZ Datasheet HTML 45Page - Cirrus Logic CS42406-CQZ Datasheet HTML 46Page - Cirrus Logic CS42406-CQZ Datasheet HTML 47Page - Cirrus Logic CS42406-CQZ Datasheet HTML 48Page - Cirrus Logic CS42406-CQZ Datasheet HTML 49Page - Cirrus Logic CS42406-CQZ Datasheet HTML 50Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
CS42406
49
9.
REVISION HISTORY
Revision
Date
Changes
PP1
August 2003
Initial Release
PP2
March 2004
Added Revision History Table.
Changed “Gain Error” from ±5% to ±10% in the ADC Analog Characteristics.
Removed “Inter Channel” and “Intra Channel Phase Deviation” specification on
page 11 and page 16.
Removed ADC & DAC FILT+ “Output Impedance” and “Current Source Sink” spec-
ification on page 19.
Changed maximum VOL from 13% to 15% on page 20.
Changed MCLK min/max duty cycle from 40/60% to 45/55% on page 23.
Added Figure 37 on page 34.
PP3
August 2004
Added lead free part numbers.
PP4
December 2004
Corrected typographical errors.
PP5
December 2004
Removed automotive part CS42406-DQZ ordering availability and performance
specifications.
Added Note 3 to 4 on page 8 limiting VA, VD and VL operation.
Modified table “Switching Characteristics - ADC Serial Audio Port” on page 23 to
highlight 256x and 384x mode.
Added “ADC_LRCK Frequency”, “SCLK Duty Cycle (Slave Mode)” and setup &
hold timing specifications in “Switching Characteristics - ADC Serial Audio Port” on
page 23.
Removed ADC_SCLK high/low timing and the “ADC_SCLK falling to SDOUT valid”
specifications from “Switching Characteristics - ADC Serial Audio Port” on page 23.
Modified Figures 24 to 27 on page 25 to reflect timing specifications.
Corrected Typical Connection Diagram, Figure 33 on page 29.
Added ADC_SCLK/ADC_LRCK ratio parameters in Table 1 to 2 on page 30.
Changed recommended anti-aliasing capacitor value from 2700 pF to 2200 pF in
Figure 36 “CS42406 Recommended Analog Input Buffer” on page 34.
Table 10. Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com