Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR3045CT Datasheet(PDF) 1 Page - Shenzhen SI Semiconductors Co.,LTD.

Part # MBR3045CT
Description  Power Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SISEMIC [Shenzhen SI Semiconductors Co.,LTD.]
Direct Link  http://www.sisemi.com.cn/en_index.aspx
Logo SISEMIC - Shenzhen SI Semiconductors Co.,LTD.

MBR3045CT Datasheet(HTML) 1 Page - Shenzhen SI Semiconductors Co.,LTD.

  MBR3045CT Datasheet HTML 1Page - Shenzhen SI Semiconductors Co.,LTD. MBR3045CT Datasheet HTML 2Page - Shenzhen SI Semiconductors Co.,LTD. MBR3045CT Datasheet HTML 3Page - Shenzhen SI Semiconductors Co.,LTD. MBR3045CT Datasheet HTML 4Page - Shenzhen SI Semiconductors Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
深圳深爱半导体股份有限公司
产品规格书
Shenzhen
Shenzhen
Shenzhen
Shenzhen SI
SI
SI
SI Semiconductors
Semiconductors
Semiconductors
Semiconductors Co.,
Co.,
Co.,
Co., LTD.
LTD.
LTD.
LTD.
Product
Product
Product
Product Specification
Specification
Specification
Specification
Si
Si
Si
Si semiconductors
semiconductors
semiconductors
semiconductors
201
201
201
2013
3
3
3....1
1
1
1
1
肖特基二极管/Power
/Power
/Power
/Power Schottky
Schottky
Schottky
Schottky Rectifier
Rectifier
Rectifier
Rectifier
MBR3045CT
MBR3045CT
MBR3045CT
MBR3045CT
●特点: 高抗浪涌性能
高功效 低正向电压
大电流
低功耗
符合 RoHS
RoHS
RoHS
RoHS 规范
FEATURES
FEATURES
FEATURES
FEATURES:■HIGH SURGE CAPABILITY
■HIGH EFFICIENCY ■LOW FORWARD VOLTAGE
HIGH CURRENT CAPABILITY
LOW POWER LOSS
RoHS COMPLIANT
●应用:低压高频逆变电路
续流电流
保护电流
APPLICATION:
APPLICATION:
APPLICATION:
APPLICATION: ■LOW VOLTAGE,HIGH FREQUENCY INVERTERS
■FREE WHEELING
■POLARITY PROTECTION APPLICATIONS
●最大额定值(Tc
Tc
Tc
Tc=25
=25
=25
=25°°°°C
C
C
C)
●Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
TO-220/TO-220FP
TO-220/TO-220FP
TO-220/TO-220FP
TO-220/TO-220FP
参数
PARAMETER
PARAMETER
PARAMETER
PARAMETER
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
额定值
VALUE
VALUE
VALUE
VALUE
单位
UNIT
UNIT
UNIT
UNIT
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
45
V
最大直流阻断电压
Maximum DC Reverse Voltage
VR
45
V
平均整流输出电流
Average Rectified Output Current
@Tc=125°C
IF(AV)
30
A
正向峰值浪涌电流
Peak Forward Surge Current
8.3ms Single half sine-wave
superimposed on rated load
(JEDEC Method)
IFSM
220
A
最高结温
Maximum Operating Junction
Temperature
Tj
150
贮存温度
Storage Temperature
Tstg
-65-150
●电特性(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
●Electronic
Electronic
Electronic
Electronic Characteristics
Characteristics
Characteristics
Characteristics(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
参数名称
C
C
C
CH
H
H
HARACTERISTICS
ARACTERISTICS
ARACTERISTICS
ARACTERISTICS
符号
S
S
S
SY
Y
Y
YMBOL
MBOL
MBOL
MBOL
测试条件
T
T
T
TEST
EST
EST
EST CONDITION
CONDITION
CONDITION
CONDITION
最小值
MIN
MIN
MIN
MIN
典型值
TYP
TYP
TYP
TYP
最大值
MAX
MAX
MAX
MAX
单位
UNIT
UNIT
UNIT
UNIT
正向压降
Forward Voltage Drop
VFM
@IF=15A,Tc=25°C
0.62
V
@IF=15A,Tc=125°C
0.56
@IF=30A,Tc=25°C
0.78
@IF=30A,Tc=125°C
0.64
反向电流
Peak Reverse Current @ Rated VR
IRM
@Tc=25°
0.1
mA
@Tc=125°C
30
●热特性
●Thermal
Thermal
Thermal
Thermal Characteristics
Characteristics
Characteristics
Characteristics
项目
PARAMETER
PARAMETER
PARAMETER
PARAMETER
SYMBOL
SYMBOL
SYMBOL
SYMBOL
最大值
VALUE
VALUE
VALUE
VALUE
UNIT
UNIT
UNIT
UNIT
热阻结-壳
Thermal Resistance Junction-case
RthJC
TO-220:
1.3
℃/W
TO-220FP:
3.5
●订单信息/ORDERING
/ORDERING
/ORDERING
/ORDERING INFORMATION:
INFORMATION:
INFORMATION:
INFORMATION:
包装形式/PACKING
/PACKING
/PACKING
/PACKING
订货编码/ORDERING
/ORDERING
/ORDERING
/ORDERING CODE
CODE
CODE
CODE
普通塑封料//// Nor
Nor
Nor
Norm
m
m
mal
al
al
al Package
Package
Package
Package Material
Material
Material
Material
无卤塑封料////Halogen
Halogen
Halogen
Halogen Free
Free
Free
Free
TO-220
TO-220
TO-220
TO-220 条管装/TUBE PACKING
MBR3045CT TO-220-TU
MBR3045CT TO-220-TU-HF
TO-220FP 条管装/TUBE PACKING
MBR3045CT TO-220FP-TU
MBR3045CT TO-220FP-TU-HF


Similar Part No. - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3045CT MCC-MBR3045CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Microsemi Corporation
MBR3045CT MICROSEMI-MBR3045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR3045CT VISHAY-MBR3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
List of Unclassifed Man...
MBR3045CT ETC1-MBR3045CT Datasheet
88Kb / 2P
High Tjm Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
MBR3045CT TSC-MBR3045CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com