Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD1700U03W Datasheet(PDF) 4 Page - Yantel Corporation

Part # PD1700U03W
Description  Power Divider/Combiner 2-Way 0째 50廓 0.6-2.9 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANTEL [Yantel Corporation]
Direct Link  http://en.yantel-corp.com/index_index.html
Logo YANTEL - Yantel Corporation

PD1700U03W Datasheet(HTML) 4 Page - Yantel Corporation

  PD1700U03W Datasheet HTML 1Page - Yantel Corporation PD1700U03W Datasheet HTML 2Page - Yantel Corporation PD1700U03W Datasheet HTML 3Page - Yantel Corporation PD1700U03W Datasheet HTML 4Page - Yantel Corporation PD1700U03W Datasheet HTML 5Page - Yantel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
R
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
600
1100
1600
2100
2600
-40℃
25℃
85℃
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
600
1100
1600
2100
2600
-40℃
25℃
85℃
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
600
1100
1600
2100
2600
-40℃
25℃
85℃
Frequency (GHz)
Return Loss VS.Frequency(In/Sum)
Return Loss VS.Frequency(Port1)
Frequency (GHz)
Port1
In/Sum
Frequency (GHz)
Frequency (GHz)
Return Loss VS.Frequency(Port2)
Frequency (GHz)
Port2
Frequency (GHz)
PD1700U03W
Data Sheet
Power Divider/Combiner
2-Way 0°
50
Ω
0.6-2.9 GHz
Yantel Corporation
Add
3F, Building 3, Southern District 2 of Zhongguan Honghualing Industrial Park, Xili, Nanshan, Shenzhen, China
Tel
86-755-8355-1886 Fax
86-755-8355-2533
For detailed performance specs & shopping online see Yantel web site : www.yantel-corp.com
Rev A4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com