Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FIR8N65FG Datasheet(PDF) 4 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR8N65FG
Description  650V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR8N65FG Datasheet(HTML) 4 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR8N65FG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR8N65FG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR8N65FG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR8N65FG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR8N65FG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR8N65FG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR8N65FG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR8N65FG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Characteristics
(Continued)
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 9-2. Maximum Safe Operating Area
for WGF7N65
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS =0V
2. I
D =250µ A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 3.5 A
T
J, Junction Temperature [
oC]
25
50
75
100
125
150
0
2
4
6
8
T
C, Case Temperature [
]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 11-2. Transient Thermal Response Curve for WGF7N65
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1 . Z
θ JC (t) = 2 . 4
/W M a x .
2 . D u ty F a c to r, D = t
1 /t2
3 . T
JM - T C = P DM * Z θ JC (t)
s ing le pu ls e
D= 0 .5
0.0 2
0.2
0.0 5
0.1
0.0 1
t
1 , S qua r e W a v e P u l s e D ur ation [ s e c ]
t1
PDM
t2
www.First-semi.com
Page 4/8
FIR8N65FG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com